Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 5Page - STMicroelectronics STPM01 Datasheet HTML 6Page - STMicroelectronics STPM01 Datasheet HTML 7Page - STMicroelectronics STPM01 Datasheet HTML 8Page - STMicroelectronics STPM01 Datasheet HTML 9Page - STMicroelectronics STPM01 Datasheet HTML 10Page - STMicroelectronics STPM01 Datasheet HTML 11Page - STMicroelectronics STPM01 Datasheet HTML 12Page - STMicroelectronics STPM01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
STPM01
Functions
Doc ID 10853 Rev 8
9/60
4
Functions
Table 5.
Programmable pin functions
Programmable
pin
Stand-alone mode
(APL register=2 or 3)
Peripheral mode
(APL register=0 or 1)
MON
Output for Stepper’s node (MB)
If APL=0 then Watchdog signal.
If APL=1 then
ΔΣ signal of current channel
MOP
Output for Stepper’s node (MA)
If APL=0 then ZCR
If APL=1 then
ΔΣ signal of voltage channel
LED
If APL=2 then LED provides high frequency
pulses proportional to Active Energy with 50%
duty cycle.
If APL=3 then LED provides pulses proportional
to Active Energy (internal signal AW). The
number of pulses per kWh can be selected
according to the value of KMOT configuration bit.
If APL=0 then LED can provide Active,
Reactive or Apparent Energy according to
value of KMOT configuration bit.
If APL=1 then LED is connected to the MUX
signal generated from the tamper detection
circuit.
When LED=low then the primary current
channel is selected, if LED=high the
secondary current channel is selected.
SCLNLC
No-load indicator:
when low, a no-load condition is detected
Used for SPI interface (see SPI interface
section for details)
SDATD
Tamper indicator:
when low tamper condition is detected
SYN
Negative active power indicator:
when low a negative active power condition is
detected
SCS
Must be high to activate SCLNLC, SDATAD and
SYN indications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com