Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 26Page - STMicroelectronics STPM01 Datasheet HTML 27Page - STMicroelectronics STPM01 Datasheet HTML 28Page - STMicroelectronics STPM01 Datasheet HTML 29Page - STMicroelectronics STPM01 Datasheet HTML 30Page - STMicroelectronics STPM01 Datasheet HTML 31Page - STMicroelectronics STPM01 Datasheet HTML 32Page - STMicroelectronics STPM01 Datasheet HTML 33Page - STMicroelectronics STPM01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Theory of operation
STPM01
30/60
Doc ID 10853 Rev 8
When a no-load condition is detected MOP and MON are held low.
8.16
Using STPM01 in microcontroller based meter (peripheral)
The higher flexibility of STPM01 allows its use in very high end microcontroller based energy
meters. In this case the STPM01 must be programmed to work in peripheral mode, all the
SPI pins (SCS, SCLNCL, SDATD, SYN) are used only for communication purposes allowing
the microcontroller to write and read the internal STPM01 registers. The peripheral mode
has two further different configuration modes according to the status of the APL
configuration bit. The APL bit status changes the function of MOP, MON and LED pins
according to the description below.
APL = 0:
In the MOP pin, the ZCR signal is available (see paragraph 3 for details about ZCR signal);
The pin MON provides the DOG signal. The DOG signal generates a 16 ms long positive
pulse every 1.6 seconds. Generation of these pulses can be suspended if data are read in
intervals shorter than 1.6 s. The DOG signal is actually a watchdog reset signal which can
be used to control an operation of an on-board microcontroller. It is set to high whenever the
VDDA voltage is below 2.5 V, but after VDDA goes above 2.5 V this signal starts to run.
Figure 21.
Positive energy stepper driving signals
Hi
Lo
Hi
Lo
MON
MOP
Figure 22.
Negative energy stepper driving signals
Hi
Lo
Hi
Lo
MON
MOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com