Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 24Page - STMicroelectronics STPM01 Datasheet HTML 25Page - STMicroelectronics STPM01 Datasheet HTML 26Page - STMicroelectronics STPM01 Datasheet HTML 27Page - STMicroelectronics STPM01 Datasheet HTML 28Page - STMicroelectronics STPM01 Datasheet HTML 29Page - STMicroelectronics STPM01 Datasheet HTML 30Page - STMicroelectronics STPM01 Datasheet HTML 31Page - STMicroelectronics STPM01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
Theory of operation
STPM01
28/60
Doc ID 10853 Rev 8
8.13
Resetting the STPM01
The STPM01 has no reset pin. The device is automatically reset by the POR circuit when
the VCC crosses the 2.5 V value but it can be reset also through the SPI interface giving a
dedicated command (see SPI section for remote reset command details).
In case of reset caused by POR circuit all clocks and both DC buffers in the analog part are
kept off for about 30 ms and all blocks of digital part, except for SPI interface, which is hold
in a reset state for about 125 ms after a reset condition.
When the reset is performed through SPI no delayed turn on is generated.
Resetting the STPM01 causes all the functional modules of STPM01 to be cleared including
the OTP shadow latches (see paragraph 16 for OTP shadow latches description).
The reset through SPI (remote reset request) will normally take place during production
testing or in an application of meter with some on-board microprocessor when some
malfunction of metering device will be detected.
8.14
Energy to frequency conversion (standalone)
When used in standalone mode the STPM01 provides energy to frequency conversion both
for calibration and energy readout purposes. In fact one convenient way to verify the meter
calibration is to provide a pulse train signal with 50 % duty cycle whose frequency signal is
proportional to the active energy under steady load conditions. In this case the user will
choose a certain number of pulses on the LED pin that will corresponds to 1 kWh. We will
name this value as P.
The active energy frequency-based signal is available in the LED pin when APL = 2 or APL
= 3.
If APL = 2 the LED is driven from internal signal AW (active energy) whose frequency is
proportional to the active energy. The signal AW is taken from the 11th bit of the active
energy register, consequently a relationship between the LSB value of the active energy
register and the number of pulses provided per each kWh (P) can be defined as.
kAW = 1000/(2
11•P) [Wh]
If APL = 3 the LED pin provides active energy frequency-based signal dependent on the
value of the KMOT configuration bit according to the following table. In this case the pulses
will have a fixed width of 31.25 ms.
Due to the innovative and proprietary power calculation algorithm the frequency signal is not
affected by any ripple at twice the line frequency, this feature strongly reduces the
calibration time of the meter.
Table 12.
Different settings for LED signal
KMOT (2 Bits)
APL=2
APL=3
Pulses
Pulses
0
P
P/64
1
P/128
2
P/32
3
P/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com