Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 28Page - STMicroelectronics STPM01 Datasheet HTML 29Page - STMicroelectronics STPM01 Datasheet HTML 30Page - STMicroelectronics STPM01 Datasheet HTML 31Page - STMicroelectronics STPM01 Datasheet HTML 32Page - STMicroelectronics STPM01 Datasheet HTML 33Page - STMicroelectronics STPM01 Datasheet HTML 34Page - STMicroelectronics STPM01 Datasheet HTML 35Page - STMicroelectronics STPM01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Theory of operation
STPM01
32/60
Doc ID 10853 Rev 8
When STPM01 is used in peripheral mode all these signal can be read through the SPI
interface. See paragraph 16 for details on the Status bit location in the STPM01 data
records.
In standalone mode the BIL signal is available in SCLNLC pin and the BIT signal in the
SDATD pin. All the other signals can be read only through SPI interface.
8.18
Programming the STPM01
Data records
The STPM01 has 8 internal data records registers. Every data record consists of 4-bit parity
code and 28-bit data value where the parity code is computed from the data value, which
makes total of 32 bits or 4 bytes.
The figure below shows the data records structure with the name of the contained
information.
Each bit of parity nibble is defined as odd parity of all seven corresponding bits of data
nibbles.
Table 15.
Status bit description
Bit #
Name
Description
Condition
0
BIL
No load condition
BIL=0: No load condition not detected
BIL=1: No load detected
1BCF
∑ Δ signals status
BCF=0:
∑ Δ signals alive
BCF=1: one or both
∑ Δ signals are stacked
2
BFR
Line frequency range
BFR=0: Line frequency inside the 45Hz-65Hz range
BFR=1: Line frequency out of range
3
BIT
Tamper condition
BIT=0: Tamper not detected;
BIT=1: Tamper detected;
4
MUX
Current channel selection
MUX=0: Primary current channels selected by the tamper module;
MUX=1: Secondary current channels selected by the tamper
module;
5
LIN
Trend of the line voltage
LIN=0: line voltage is going from the minimum to the maximum value.
(
Δv/Δt >0);
LIN=1: line voltage is going from the maximum to the minimum value.
(
Δv/Δt < 0);
6
PIN
Output pins check
PIN=0: the output pins are consistent with the data
PIN=1: the output pins are different with the data, this means some
output pin is forced to 1 or 0.
7
HLT
Data Validity
HLT=0: the data records reading are valid.
HLT=1: the data records are not valid. A reset occurred and a restart
is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com