Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM01 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 18Page - STMicroelectronics STPM01 Datasheet HTML 19Page - STMicroelectronics STPM01 Datasheet HTML 20Page - STMicroelectronics STPM01 Datasheet HTML 21Page - STMicroelectronics STPM01 Datasheet HTML 22Page - STMicroelectronics STPM01 Datasheet HTML 23Page - STMicroelectronics STPM01 Datasheet HTML 24Page - STMicroelectronics STPM01 Datasheet HTML 25Page - STMicroelectronics STPM01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Theory of operation
STPM01
22/60
Doc ID 10853 Rev 8
for tampering purposes or in case the line voltage is very stable, it is possible to use a
predefined value for computing the energy without sensing it.
In order to enable the SWM mode, the STPM01 must be configured with PST values of 4 or
5, (tamper enabled-Rogowsky coils). In this way, if the BFR error is detected, STPM01
enters in SWM. If BFR is cleared the energy calculation is performed normally, when BFR is
set (no voltage information is available) the energy computation is carried out using a
nominal voltage value according to the NOM configuration bits.
Since there is no more information on the phase shift between voltage and current, the
apparent rather than active power is used for tamper and energy computation. The
calculated apparent energy is the product between IRMS (effectively measured) and an
equivalent VRMS that can be calculated as follows:
VRMS = VPK*KNOM,
where VPK represents the maximum line voltage reading of the STPM01 and KNOM is a
coefficient that changes according to the following table:
For example, if a R1 = 783 kΩ and R2 = 475 Ω are used as resistor divider when the line
voltage is present, the positive voltage present at the input of the voltage channel of
STPM01 is:
since the maximum voltage value applicable to the voltage channel input of STPM01 is +0.3
V, the equivalent maximum line voltage applicable is:
VPK = R1+R2/R2 • 0.3 = 494.82
considering the case of NOM=2, the correspondent RMS values used for energy
computation are:
VRMS = VPK • 0.4219 = 208.76 [V]
Usually the supply voltage for the electronic meter is taken from the line voltage, in SWM,
since the line voltage is not present any more, some other power source must be used in
order to provide the necessary supply to STPM01 and the other electronic components of
the meter.
8.7
Power supply
The main STPM01 supply pin is the VCC pin. From the VCC pin two linear regulators provide
the necessary voltage for the analog part VDDA (3 V) and for the digital part VDDD (1.5 V).
The VSS pin represents the reference point for all the internal signals. 100 nF low ESR
Table 10.
Nominal voltage values
NOM
KNOM
00.3594
10.3906
20.4219
30.4531
2
V
R
R
R
VI
RMS
2
1
2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com