Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840GL Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP9840GL
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840GL Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP9840GL Datasheet HTML 13Page - Monolithic Power Systems MP9840GL Datasheet HTML 14Page - Monolithic Power Systems MP9840GL Datasheet HTML 15Page - Monolithic Power Systems MP9840GL Datasheet HTML 16Page - Monolithic Power Systems MP9840GL Datasheet HTML 17Page - Monolithic Power Systems MP9840GL Datasheet HTML 18Page - Monolithic Power Systems MP9840GL Datasheet HTML 19Page - Monolithic Power Systems MP9840GL Datasheet HTML 20Page - Monolithic Power Systems MP9840GL Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
MP9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER
OPERATION
The MP9840 is a synchronous, step-down,
switching regulator with integrated, internal,
high-side and low-side power MOSFETs. The
MP9840 provides 3.5A of highly efficient output
current with current mode control.
The MP9840 features a wide input voltage
range, switching frequency programmable from
350kHz to 2.5MHz, external soft start, and
precision current limit. Its very low operational
quiescent current makes it suitable for battery-
powered applications.
Pulse-Width Modulation (PWM) Control
At
moderate-to-high
output
currents,
the
MP9840 operates in a fixed-frequency, peak-
current-control mode to regulate the output
voltage. A pulse-width modulation (PWM) cycle
is initiated by the internal clock. At the rising
edge
of
the
clock,
the
high-side
power
MOSFET (HS-FET) is turned on and remains
on until its current reaches the value set by the
COMP voltage (VCOMP). If the current in the HS-
FET does not reach VCOMP in one PWM period,
the HS-FET remains on, saving a turn-off
operation.
When the high-side power switch is off, the low-
side
MOSFET
(LS-FET)
is
turned
on
immediately and remains on until the next cycle
begins.
For each turn-on and -off in a switching cycle,
the HS-FET turns on and off with a minimum on
and off time limit.
Advanced Asynchronous Mode (AAM)
The MP9840 employs advanced asynchronous
mode (AAM) functionality to optimize efficiency
during light-load or no-load conditions. AAM
can be enabled by connecting SYNC to a low
level (<2V) before start-up; AAM can be
disabled when connecting SYNC to a high level
before
start-up.
SYNC
can
be
used
to
synchronize switching again after start-up.
If
continuous
conduction
mode
(CCM)
is
enabled, the device is forced to work with a
fixed frequency regardless of the output load
current.
The
advantage
of
CCM
is
the
controllable frequency and smaller output ripple,
but it also has low efficiency at light load (see
Figure 2).
If AAM is enabled, the MP9840 first enters non-
synchronous operation for as long as the
inductor current is approaching zero at light
load. If the load is further decreased or is at no
load, VCOMP drops below the AAM voltage
(VAAM), making the MP9840 enter power-save
mode (PSM). This puts the chip into sleep
mode, which consumes very low quiescent
current to further improve light-load efficiency.
In PSM, the internal clock is reset whenever
VCOMP crosses over VAAM, and the crossover
time is taken as the benchmark of the next
clock. When the load increases, and the DC
value of VCOMP is higher than VAAM, the
operation mode is discontinuous conduction
mode (DCM) or CCM, which have a constant
switching frequency.
AAM
(AAM = Low)
Inductor
Current
t
t
t
Load
Decreased
Forced CCM
(AAM = High)
Inductor
Current
t
t
t
Load
Decreased
Figure 2: AAM and Forced CCM
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage with the internal reference (0.8V) and
outputs a current proportional to the difference
between the two. This output current is used to
charge or discharge the internal compensation
network to form VCOMP, which is used to control
the power MOSFET current. The optimized
internal compensation network minimizes the
external component count and simplifies the
control loop design.
Bootstrap Charging
The bootstrap capacitor (0.1µF to 1µF) is
charged and regulated to about 5V by the
dedicated internal bootstrap regulator. When
the voltage between the BST and SW nodes is
lower
than
its
regulation,
a
PMOS
pass
transistor connected from VIN to BST is turned
on. The charging current path is from VIN to
BST to SW. An external circuit should provide
enough voltage headroom to facilitate charging.
MP9840 Rev. 1.01
www.MonolithicPower.com
17
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com