Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840GL Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP9840GL
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840GL Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP9840GL Datasheet HTML 19Page - Monolithic Power Systems MP9840GL Datasheet HTML 20Page - Monolithic Power Systems MP9840GL Datasheet HTML 21Page - Monolithic Power Systems MP9840GL Datasheet HTML 22Page - Monolithic Power Systems MP9840GL Datasheet HTML 23Page - Monolithic Power Systems MP9840GL Datasheet HTML 24Page - Monolithic Power Systems MP9840GL Datasheet HTML 25Page - Monolithic Power Systems MP9840GL Datasheet HTML 26Page - Monolithic Power Systems MP9840GL Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
MP9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER
TYPICAL APPLICATION CIRCUITS (continued)
10
μF
C1A
0.1
μF
C1C
100k
Ω
R1
0.1
μF
C5
2.2
μH
L1
22
μF
C2A
3.3V/3.5A
EN
VOUT
10
μF
C1B
SW
3, 10
EN
5
VIN
2
FB
15
VCC
12
BST
11
PGND
PG
7
U1
1
μF
C4
100k
Ω
R5
PG
GND
13k
Ω
R4
VIN
GND
3.3V-36V
MP9840
14
SS
AGND
41.2k
Ω
R3
16
FREQ
BIAS
SYNC
6
PHASE
1
8
4.7nF
C3
R2
SYNC
PHASE
33k
Ω
22
μF
C2B
10pF
C6
0.1
μF
C1D
C7
NS
R6
NS
Figure 11: VOUT = 3.3V, FSW = 2.2MHz
10
μF
C1A
0.1
μF
C1C
100k
Ω
R1
0.1
μF
C5
2.2
μH
L1
22
μF
C2A
5V/3.5A
EN
VOUT
10
μF
C1B
SW
3, 10
EN
5
VIN
2
FB
15
VCC
12
BST
11
PGND
PG
7
U1
1
μF
C4
100k
Ω
R5
PG
GND
13k
Ω
R4
VIN
GND
3.3V-36V
MP9840
14
SS
AGND
68.1k
Ω
R3
16
FREQ
BIAS
SYNC
6
PHASE
1
8
4.7nF
C3
R2
SYNC
PHASE
33k
Ω
22
μF
C2B
10pF
C6
0.1
μF
C1D
C7
0.1uF
R6
10
Ω
Figure 12: VOUT = 5V, FSW = 2.2MHz
MP9840 Rev. 1.01
www.MonolithicPower.com
25
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com