Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840GL Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP9840GL
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840GL Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP9840GL Datasheet HTML 15Page - Monolithic Power Systems MP9840GL Datasheet HTML 16Page - Monolithic Power Systems MP9840GL Datasheet HTML 17Page - Monolithic Power Systems MP9840GL Datasheet HTML 18Page - Monolithic Power Systems MP9840GL Datasheet HTML 19Page - Monolithic Power Systems MP9840GL Datasheet HTML 20Page - Monolithic Power Systems MP9840GL Datasheet HTML 21Page - Monolithic Power Systems MP9840GL Datasheet HTML 22Page - Monolithic Power Systems MP9840GL Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
MP9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER
PHASE is used when two or more MP9840
devices are in parallel with the same SYNC
clock. Pulling PHASE high forces the MP9840
to operate in-phase of the SYNC clock. Pulling
PHASE low forces the device to be 180° out-of-
phase of the SYNC clock. By setting different
voltages for PHASE, two devices can operate
180° out-of-phase to reduce the total input
current ripple, so a smaller input bypass
capacitor can be used (see Figure 4). The
PHASE rising threshold is about 2.5V with a
400mV hysteresis.
SYNC
CLK
SW1
SW2
t
SW1, 2 has a 180o phase shift
SW1: Phase high
SW2: Phase low
Figure 4: In-Phase and 180° Out-of-Phase
Soft Start (SS)
Soft start (SS) is implemented to prevent the
converter output voltage from overshooting
during start-up. When the soft-start period
begins, an internal current source charges the
external soft-start capacitor. When the soft-start
voltage (SS) is lower than the internal reference
(REF), SS overrides REF, so the error amplifier
uses SS as the reference. When SS is higher
than REF, REF regains control. CSS can be
calculated with Equation (2):
×
=
µ
SS
REF
SS
SS
C (nF) V
(V)
t (ms)
I ( A)
(2)
Where CSS is the external SS capacitor, VREF is
0.8V, and ISS is the internal 10
μA SS charge
current.
SS can be used for tracking and sequencing.
Pre-Bias Start-Up
During start-up, if FB is greater than SS -
150mV, which means the output has a pre-bias
voltage, then neither the HS-FET nor LS-FET
turn on until SS is higher than FB.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from running away thermally. When the
silicon die temperature is higher than its upper
threshold, the power MOSFETs are shut down.
When the temperature is lower than its lower
threshold, thermal shutdown is removed and
the chip is enabled again.
Current Comparator and Current Limit
The power MOSFET current is accurately
sensed via a current sense MOSFET. The
current is then fed to the high-speed current
comparator for current-mode control purposes.
The current comparator takes this sensed
current as one of its inputs. When the HS-FET
is turned on, the comparator is first blanked
until the end of the turn-on transition to avoid
noise. Then the comparator compares the
power switch current with VCOMP. When the
sensed current is higher than VCOMP, the
comparator outputs low to turn off the HS-FET.
The maximum current of the internal power
MOSFET is limited cycle-by-cycle internally.
Hiccup Protection
When the output is shorted to ground, causing
the output voltage to drop below 55% of its
nominal
output,
the
IC
is
shut
down
momentarily and begins discharging the soft-
start capacitor. The IC restarts with a full soft
start when the soft-start capacitor is fully
discharged. This hiccup process is repeated
until the fault is removed.
Start-Up and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts up. The
reference block starts first, generating a stable
reference voltage and current, and then the
internal regulator is enabled. The regulator
provides a stable supply for the rest of the
circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET off for about
50µs to blank any start-up glitches. When the
soft-start block is enabled, the SS output is held
low to ensure that the rest of the circuitries are
ready before slowly ramping up.
MP9840 Rev. 1.01
www.MonolithicPower.com
19
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com