Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840GL Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP9840GL
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840GL Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP9840GL Datasheet HTML 19Page - Monolithic Power Systems MP9840GL Datasheet HTML 20Page - Monolithic Power Systems MP9840GL Datasheet HTML 21Page - Monolithic Power Systems MP9840GL Datasheet HTML 22Page - Monolithic Power Systems MP9840GL Datasheet HTML 23Page - Monolithic Power Systems MP9840GL Datasheet HTML 24Page - Monolithic Power Systems MP9840GL Datasheet HTML 25Page - Monolithic Power Systems MP9840GL Datasheet HTML 26Page - Monolithic Power Systems MP9840GL Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
MP9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER
PCB Layout Guidelines
(6)
Efficient
PCB
layout,
is
critical
for
stable
operation, especially for the input capacitor
placement.
A
four-layer
layout
is
strongly
recommended
to
achieve
better
thermal
performance. For best results, refer to Figure 8
and follow the guidelines below.
1.
Place the symmetric input capacitors as
close to VIN and GND as possible.
2.
Use a large ground plane to connect to
PGND directly.
3.
Add vias near PGND if the bottom layer is a
ground plane.
4.
Ensure that the high-current paths at GND
and VIN have short, direct, and wide traces.
5.
Place
the
ceramic
input
capacitors,
especially the small package size (0603)
input bypass capacitor, as close to VIN and
PGND
as
possible
to
minimize
high-
frequency noise.
6.
Keep the connection of the input capacitor
and VIN as short and wide as possible.
7.
Place the VCC capacitor as close to VCC
and GND as possible.
8.
Route SW and BST away from sensitive
analog areas such as FB.
9.
Place the feedback resistors close to the
chip to ensure that the trace connecting to
FB is as short as possible.
10. Use multiple vias to connect the power
planes to the internal layers.
NOTE:
6) The recommended PCB layout is based on Figure 9.
Top Layer
Inner Layer 1
Inner Layer 2
Bottom Layer
Figure 8: Recommended PCB Layout
MP9840 Rev. 1.01
www.MonolithicPower.com
23
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com