Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430 Datasheet(PDF) 31 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 27Page - Texas Instruments MSP430 Datasheet HTML 28Page - Texas Instruments MSP430 Datasheet HTML 29Page - Texas Instruments MSP430 Datasheet HTML 30Page - Texas Instruments MSP430 Datasheet HTML 31Page - Texas Instruments MSP430 Datasheet HTML 32Page - Texas Instruments MSP430 Datasheet HTML 33Page - Texas Instruments MSP430 Datasheet HTML 34Page - Texas Instruments MSP430 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
31
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
www.ti.com
SLAS734G – APRIL 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
The leakage current is defined in the leakage current table with Px.y/Ax parameter.
(2)
The analog input voltage range must be within the selected reference voltage range VR+ to VR– for valid conversion results.
(3)
The internal reference supply current is not included in current consumption parameter IADC10.
(4)
The internal reference current is supplied through terminal VCC. Consumption is independent of the ADC10ON control bit, unless a
conversion is active. The REFON bit enables the built-in reference to settle before starting an A/D conversion.
5.29 10-Bit ADC, Power Supply and Input Range Conditions (MSP430G2x33 Only)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
VCC
Analog supply voltage
VSS = 0 V
2.2
3.6
V
VAx
Analog input voltage(2)
All Ax terminals, Analog inputs
selected in ADC10AE register
3 V
0
VCC
V
IADC10
ADC10 supply current(3)
fADC10CLK = 5.0 MHz,
ADC10ON = 1, REFON = 0,
ADC10SHT0 = 1, ADC10SHT1 = 0,
ADC10DIV = 0
25°C
3 V
0.6
mA
IREF+
Reference supply current,
reference buffer disabled(4)
fADC10CLK = 5.0 MHz,
ADC10ON = 0, REF2_5V = 0,
REFON = 1, REFOUT = 0
25°C
3 V
0.25
mA
fADC10CLK = 5.0 MHz,
ADC10ON = 0, REF2_5V = 1,
REFON = 1, REFOUT = 0
0.25
IREFB,0
Reference buffer supply current
with ADC10SR = 0(4)
fADC10CLK = 5.0 MHz,
ADC10ON = 0, REFON = 1,
REF2_5V = 0, REFOUT = 1,
ADC10SR = 0
25°C
3 V
1.1
mA
IREFB,1
Reference buffer supply current
with ADC10SR = 1(4)
fADC10CLK = 5.0 MHz,
ADC10ON = 0, REFON = 1,
REF2_5V = 0, REFOUT = 1,
ADC10SR = 1
25°C
3 V
0.5
mA
CI
Input capacitance
Only one terminal Ax can be selected
at one time
25°C
3 V
27
pF
RI
Input MUX ON resistance
0 V
≤ VAx ≤ VCC
25°C
3 V
1000
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com