Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430 Datasheet(PDF) 32 Page - Texas Instruments

Part # MSP430
Description  MSP430G2x33, MSP430G2x03 Mixed-Signal Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430 Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 28Page - Texas Instruments MSP430 Datasheet HTML 29Page - Texas Instruments MSP430 Datasheet HTML 30Page - Texas Instruments MSP430 Datasheet HTML 31Page - Texas Instruments MSP430 Datasheet HTML 32Page - Texas Instruments MSP430 Datasheet HTML 33Page - Texas Instruments MSP430 Datasheet HTML 34Page - Texas Instruments MSP430 Datasheet HTML 35Page - Texas Instruments MSP430 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
32
MSP430G2533, MSP430G2433, MSP430G2333, MSP430G2233
MSP430G2403, MSP430G2303, MSP430G2203
SLAS734G – APRIL 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430G2533 MSP430G2433 MSP430G2333 MSP430G2233 MSP430G2403 MSP430G2303
MSP430G2203
Specifications
Copyright © 2011–2016, Texas Instruments Incorporated
5.30 10-Bit ADC, Built-In Voltage Reference (MSP430G2x33 Only)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC,REF+
Positive built-in reference
analog supply voltage range
IVREF+ ≤ 1 mA, REF2_5V = 0
2.2
V
IVREF+ ≤ 1 mA, REF2_5V = 1
2.9
VREF+
Positive built-in reference
voltage
IVREF+ ≤ IVREF+max, REF2_5V = 0
3 V
1.41
1.5
1.59
V
IVREF+ ≤ IVREF+max, REF2_5V = 1
2.35
2.5
2.65
ILD,VREF+
Maximum VREF+ load current
3 V
±1
mA
VREF+ load regulation
IVREF+ = 500 µA ±100 µA,
Analog input voltage VAx ≈ 0.75 V,
REF2_5V = 0
3 V
±2
LSB
IVREF+ = 500 µA ±100 µA,
Analog input voltage VAx ≈ 1.25 V,
REF2_5V = 1
±2
VREF+ load regulation response
time
IVREF+ = 100 µA → 900 µA,
VAx ≈ 0.5 × VREF+,
Error of conversion result
≤ 1 LSB,
ADC10SR = 0
3 V
400
ns
CVREF+
Maximum capacitance at pin
VREF+
IVREF+ ≤ ±1 mA, REFON = 1, REFOUT = 1
3 V
100
pF
TCREF+
Temperature coefficient
IVREF+ = const with 0 mA ≤ IVREF+ ≤ 1 mA
3 V
±100
ppm/
°C
tREFON
Settling time of internal
reference voltage to 99.9%
VREF
IVREF+ = 0.5 mA, REF2_5V = 0,
REFON = 0
→ 1
3.6 V
30
µs
tREFBURST
Settling time of reference buffer
to 99.9% VREF
IVREF+ = 0.5 mA,
REF2_5V = 1, REFON = 1,
REFBURST = 1, ADC10SR = 0
3 V
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com