Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2121IPWR.B Datasheet(PDF) 25 Page - Texas Instruments

Part # MSP430F2121IPWR.B
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F2121IPWR.B Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430F2121IPWR.B Datasheet HTML 21Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 22Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 23Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 24Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 25Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 26Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 27Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 28Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
T – Temperature – °C
A
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-50
V
= 1.8 V
CC
V
= 2.2 V
CC
V
= 3 V
CC
V
= 3.6 V
CC
-25
0
25
50
75
100
V
– Supply Voltage – V
CC
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.5
T = 105°C
A
2.0
2.5
3.0
3.5
4.0
T = 85°C
A
T = 25°C
A
T = -40°C
A
MSP430F21x1
www.ti.com
SLAS439F
– SEPTEMBER 2004 – REVISED AUGUST 2011
Typical Characteristics - Calibrated 1-MHz DCO Frequency
CALIBRATED 1-MHz FREQUENCY
CALIBRATED 1-MHz FREQUENCY
vs
vs
TEMPERATURE
SUPPLY VOLTAGE
Figure 11.
Figure 12.
Copyright
© 2004–2011, Texas Instruments Incorporated
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com