Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2121IPWR.B Datasheet(PDF) 32 Page - Texas Instruments

Part # MSP430F2121IPWR.B
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F2121IPWR.B Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430F2121IPWR.B Datasheet HTML 28Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 29Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 30Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 31Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 32Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 33Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 34Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 35Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
T – Free-Air Temperature – °C
A
400
450
500
550
600
650
-45
-25
-5
15
35
55
75
95
V
= 3 V
CC
Typical
V
= 2.2 V
CC
Typical
T – Free-Air Temperature – °C
A
400
450
500
550
600
650
-45
-25
-5
15
35
55
75
95
V /V
– Normalized Input Voltage – V/V
IN
CC
1
10
100
0
V
= 1.8 V
CC
V
= 3.6 V
CC
V
= 2.2 V
CC
V
= 3 V
CC
0.2
0.4
0.6
0.8
1.0
MSP430F21x1
SLAS439F
– SEPTEMBER 2004 – REVISED AUGUST 2011
www.ti.com
Typical Characteristics - Comparator_A+
V(RefVT)
V(RefVT)
vs
vs
TEMPERATURE
TEMPERATURE
VCC = 2.2 V
VCC = 2.2 V
Figure 19.
Figure 20.
SHORT RESISTANCE
vs
VIN/VCC
Figure 21.
32
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com