Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2121IPWR.B Datasheet(PDF) 4 Page - Texas Instruments

Part # MSP430F2121IPWR.B
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F2121IPWR.B Datasheet(HTML) 4 Page - Texas Instruments

  MSP430F2121IPWR.B Datasheet HTML 1Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 2Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 3Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 4Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 5Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 6Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 7Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 8Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
Basic Clock
System+
RAM
256B
256B
128B
128B
Brownout
Protection
RST/NMI
VCC
VSS
MCLK
SMCLK
Watchdog
WDT+
15/16 Bit
Timer_A3
3 CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
(2BP)
XOUT
JTAG
Interface
Flash
8kB
4kB
2kB
1kB
ACLK
XIN
Port P1
8 I/ O
Interrupt
capability,
pullup/down
resistors
Comparator
_A+
8 Channel
Input Mux
P1.x, JTAG
8
P2.x,
XIN/XOUT
8
Port P2
8 I/ O
Interrupt
capability,
pullup/down
resistors
MDB
MAB
MSP430F21x1
SLAS439F
– SEPTEMBER 2004 – REVISED AUGUST 2011
www.ti.com
Functional Block Diagram
NOTE: See port schematics section for detailed I/O information.
4
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com