Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2121IPWR.B Datasheet(PDF) 8 Page - Texas Instruments

Part # MSP430F2121IPWR.B
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F2121IPWR.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F2121IPWR.B Datasheet HTML 4Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 5Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 6Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 7Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 8Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 9Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 10Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 11Page - Texas Instruments MSP430F2121IPWR.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
MSP430F21x1
SLAS439F
– SEPTEMBER 2004 – REVISED AUGUST 2011
www.ti.com
Interrupt Vector Addresses
The interrupt vectors and the power-up starting address are located in the address range of 0xFFFF to 0xFFC0.
The vector contains the 16-bit address of the appropriate interrupt handler instruction sequence.
If the reset vector (located at address 0xFFFE) contains 0xFFFF (for example, if flash is not programmed), the
CPU goes into LPM4 immediately after power up.
Table 5. Interrupt Vector Addresses
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
Power-up
PORIFG
External reset
RSTIFG
Watchdog
WDTIFG
Reset
0xFFFE
31, highest
Flash key violation
KEYV(1)
PC out of range(2)
NMI
NMIIFG
(non)-maskable
Oscillator fault
OFIFG
(non)-maskable
0xFFFC
30
Flash memory access violation
ACCVIFG(1)(3)
(non)-maskable
0xFFFA
29
0xFFF8
28
Comparator_A+
CAIFG
maskable
0xFFF6
27
Watchdog Timer+
WDTIFG
maskable
0xFFF4
26
Timer_A3
TACCR0 CCIFG(4)
maskable
0xFFF2
25
TACCR2, TACCR1 CCIFG,
Timer_A3
maskable
0xFFF0
24
TAIFG(1)(4)
0xFFEE
23
0xFFEC
22
0xFFEA
21
0xFFE8
20
I/O port P2 (eight flags)
P2IFG.0 to P2IFG.7(1)(4)
maskable
0xFFE6
19
I/O port P1 (eight flags)
P1IFG.0 to P1IFG.7(1)(4)
maskable
0xFFE4
18
0xFFE2
17
0xFFE0
16
See (5)
0xFFDE
15
See (6)
0xFFDC to 0xFFC0
14 to 0, lowest
(1)
Multiple source flags
(2)
A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0x0000 to 0x01FF) or
from within unused address range.
(3)
(non)-maskable: the individual interrupt-enable bit can disable an interrupt event, but the general interrupt enable cannot.
(4)
Interrupt flags are located in the module.
(5)
This location is used as bootstrap loader security key (BSLSKEY).
A value of 0xAA55 at this location disables the BSL completely.
A value of 0x0 disables the erasure of the flash if an invalid password is supplied.
(6)
The interrupt vectors at addresses 0xFFDC to 0xFFC0 are not used in this device and can be used for regular program code if
necessary.
8
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com