| Electronic Components Datasheet Search |
|
L99MH98 Datasheet(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MH98 Datasheet(HTML) 75 Page - STMicroelectronics |
|
75 / 147 page ![]() Table 87. DIAGCR2 (0x0E) MSB Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 1 (RW) 1 (RW) 1 (RW) 1 (RW) 1 (RW) 1 (RW) 1 (RW) DGVDSLS8 DGVDSLS7 DGVDSLS6 DGVDSLS5 DGVDSLS4 DGVDSLS3 DGVDSLS2 Diagnostic enable VDS_LS8 bit Diagnostic enable VDS_LS7 bit Diagnostic enable VDS_LS6 bit Diagnostic enable VDS_LS5 bit Diagnostic enable VDS_LS4 bit Diagnostic enable VDS_LS3 bit Diagnostic enable VDS_LS2 bit Table 88. DIAGCR2 (0x0E) MSB description Bit Name Description 14 DGVDSLS8 Diagnostic VDS_LS8 enable control bit Setting this bit enables VDS_LS8 status flag to be mapped on diagnostic output pin (DIAGN) 0 = VDS_LS8 no mapped on DIAGN pin 1 = VDS_LS8 mapped on DIAGN pin 13 DGVDSLS7 Diagnostic VDS_LS7 enable control bit Setting this bit enables VDS_LS7 status flag to be mapped on diagnostic output pin (DIAGN) 0 = VDS_LS7 no mapped on DIAGN pin 1 = VDS_LS7 mapped on DIAGN pin 12 DGVDSLS6 Diagnostic VDS_LS6 enable control bit Setting this bit enables VDS_LS6 status flag to be mapped on diagnostic output pin (DIAGN) 0 = VDS_LS6 no mapped on DIAGN pin 1 = VDS_LS6 mapped on DIAGN pin 11 DGVDSLS5 Diagnostic VDS_LS5 enable control bit Setting this bit enables VDS_LS5 status flag to be mapped on diagnostic output pin (DIAGN) 0 = VDS_LS5 no mapped on DIAGN pin 1 = VDS_LS5 mapped on DIAGN pin 10 DGVDSLS4 Diagnostic VDS_LS4 enable control bit Setting this bit enables VDS_LS4 status flag to be mapped on diagnostic output pin (DIAGN) 0 = VDS_LS4 no mapped on DIAGN pin 1 = VDS_LS4 mapped on DIAGN pin 9 DGVDSLS3 Diagnostic VDS_LS3 enable control bit Setting this bit enables VDS_LS3 status flag to be mapped on diagnostic output pin (DIAGN) 0 = VDS_LS3 no mapped on DIAGN pin 1 = VDS_LS3 mapped on DIAGN pin 8 DGVDSLS2 Diagnostic VDS_LS2 enable control bit Setting this bit enables VDS_LS2 status flag to be mapped on diagnostic output pin (DIAGN) 0 = VDS_LS2 no mapped on DIAGN pin 1 = VDS_LS2 mapped on DIAGN pin Table 89. DIAGCR2 (0x0E) LSB Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) DGVDSLS1 RES RES RES RES RES RES RES Diagnostic enable VDS_LS1 bit Reserved Reserved Reserved Reserved Reserved Reserved Reserved L99MH98 SPI Registers DS14611 - Rev 3 page 75/147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |