| Electronic Components Datasheet Search |
|
L99MH98 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MH98 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 147 page ![]() Table 22. Reset matrix Functions/faults or input SPI X X X(1) O O O O O O O O O Watchdog X X X(2) O O O O O O O O O Diagnostic logic X X X O O O O O O O O O Register map X X O O O O O O O O(3) O O PWM controller X X X X X O X X X X X O DIAGN X X A A A A A A A A A A Indirect current measurement system X X X X X O X X X X O O Current generator and ADC for temperature measurement X X X X X O X X X X O O Gate drivers X X X C X O X X X X X(4) O Charge pump X X X O O O X X(5) O X O O 1. SDO, DIAGN, CSO1 and CSO2 outputs are low. 2. After a VDDOV event the watchdog restarts with a long open window and must be reprogrammed. 3. The OUTEx registers are reset. 4. The half bridge in which the failure occurred and all the half bridges that are connected to the one that failed are turned off. 5. In the case of a charge pump not ready the CP is in power-up phase. Note: • X = Power-off • O = Normal operation • A = Active • C = All the MOSFETs are disabled if GENMODExx = 0 All the HS MOSFETs are disabled. LS MOSFETs are ON to lock the motor if GENMODExx = 1 All the MOSFETs are ON. The microcontroller decides how to proceed if GENMODExx = 2 3.2.6 Power-up sequence The power-up sequences that must be followed to turn on L99MH98 are reported below. The first case of a possible power-on sequence is shown in the Figure 10. In this case VDH and VDD are raised while the EN pin is kept low. After the VDH and VDD pins are high and stable, the EN pin is raised to turn on the L99MH98 or lowered to turn it off. L99MH98 turns on when the EN pin exceeds the rising VENH threshold and will turn off when it drops below the falling VENL threshold. The fastest possible slew rate for VDD is 100 μs at 3.3 V. L99MH98 Functional description DS14611 - Rev 3 page 25/147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |