| Electronic Components Datasheet Search |
|
L99MH98 Datasheet(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MH98 Datasheet(HTML) 85 Page - STMicroelectronics |
|
85 / 147 page ![]() Bit Name Description 00 = Pull-up and pull-down currents off 01 = Pull-up current off and pull-down current on 10 = Pull-up current on and pull-down current off 11 = Pull-up and pull-down currents off Table 117. HB2_MODE_CONFIG (0x14) LSB Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) HB_IDIAG2 [1] HB_PWM2 [2] HB_PWM2 [1] HB_PWM2 [0] HB_MODE2 [1] HB_MODE2 [0] HB_WHEEL2 [1] HB_WHEEL2 [0] HB2 diagnostic current HB2 PWM mapping [2] HB2 PWM mapping [1] HB2 PWM mapping [0] HB2 mode [1] HB2 mode [0] HB2 free- wheeling [1] HB2 free- wheeling [0] Table 118. HB2_MODE_CONFIG (0x14) LSB description Bit Name Description 7 HB_IDIAG2 [0] Half-bridge 2 diagnostic currents setting 00 = Pull-up and pull-down currents off 01 = Pull-up current off and pull-down current on 10 = Pull-up current on and pull-down current off 11 = Pull-up and pull-down currents off 6 HB_PWM2 [2] PWM mapping on HB2 This 3 bits register is used to indicate which PWM signal is applied to the HS or LS of the Half-Bridge 2 000 = LS of HB mapped on PWM1 001 = LS of HB mapped on PWM2 010 = LS of HB mapped on PWM3 011 = HS of HB mapped on PWM1 100 = HS of HB mapped on PWM2 101 = HS of HB mapped on PWM3 110 = 111 = No mapped 5 HB_PWM2 [1] 4 HB_PWM2 [0] 3 HB_MODE2 [1] HB2 functionality mode 00 = LS and HS of the HB2 are kept off 01 = LS of the HB2 is ON (static, no PWM), HS of the HB2 is OFF 10 = HS of the HB2 is ON (static, no PWM), LS of the HB2 is OFF 11 = LS or HS of the HB2 are ON according to the HB_PWM2 register 2 HB_MODE2 [0] 1 HB_WHEEL2 [1] HB2 free-wheeling mode 00 = 11 = No mapping 01 = Active free-wheeling on HS of the HB 10 = Active free-wheeling on LS of the HB 0 HB_WHEEL2 [0] Table 119. HB2_DRIVER_CFG (0x15) MSB Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 0 (RO) 0 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) 0 (RW) RES VSTEP2_CONF2 [1] VSTEP2_CONF2 [0] ISTEP3_CONF2 [3] ISTEP3_CONF2 [2] ISTEP3_CONF2 [1] ISTEP3_CONF2 [0] Reserved HB2 Vstep1 and Vstep2 conf [1] HB2 Vstep1 and Vstep2 conf [0] HB2 Istep3 conf [3] HB2 Istep3 conf [2] HB2 Istep3 conf [1] HB2 Istep3 conf [0] L99MH98 SPI Registers DS14611 - Rev 3 page 85/147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |