Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LMV324
Description  General-Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV324 Datasheet(HTML) 4 Page - ON Semiconductor

  LMV324 Datasheet HTML 1Page - ON Semiconductor LMV324 Datasheet HTML 2Page - ON Semiconductor LMV324 Datasheet HTML 3Page - ON Semiconductor LMV324 Datasheet HTML 4Page - ON Semiconductor LMV324 Datasheet HTML 5Page - ON Semiconductor LMV324 Datasheet HTML 6Page - ON Semiconductor LMV324 Datasheet HTML 7Page - ON Semiconductor LMV324 Datasheet HTML 8Page - ON Semiconductor LMV324 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LMV321 / LMV358 / LMV324 Rev. 2.10
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
Package Thermal Resistance
Parameter
Min.
Max.
Unit
Supply Voltage
0
+6
V
Maximum Junction Temperature
-
+175
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature, 10 Seconds
-
+260
°C
Input Voltage Range
-VS -0.5
+VS +0.5
V
Parameter
Min.
Max.
Unit
Operating Temperature Range
-40
+125
°C
Power Supply Operating Range
2.5
5.5
V
Package
θJA
Unit
5 Lead SC70
331.4
°C/W
5 Lead SOT23
256
°C/W
8 Lead SOIC
152
°C/W
8 Lead MSOP
206
°C/W
14 Lead SOIC
88
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com