Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LMV324
Description  General-Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV324 Datasheet(HTML) 5 Page - ON Semiconductor

  LMV324 Datasheet HTML 1Page - ON Semiconductor LMV324 Datasheet HTML 2Page - ON Semiconductor LMV324 Datasheet HTML 3Page - ON Semiconductor LMV324 Datasheet HTML 4Page - ON Semiconductor LMV324 Datasheet HTML 5Page - ON Semiconductor LMV324 Datasheet HTML 6Page - ON Semiconductor LMV324 Datasheet HTML 7Page - ON Semiconductor LMV324 Datasheet HTML 8Page - ON Semiconductor LMV324 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LMV321 / LMV358 / LMV324 Rev. 2.10
4
Electrical Specifications
TC = 25°C, VS = +2.7 V, G = 2, RL = 10 kΩ to VS/2, Rf = 10 kΩ, VO(DC) = VCC/2, unless otherwise noted.
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality
levels are determined from tested parameters.
Notes:
1. Guaranteed by testing or statistical analysis at +25
°C.
2. +IN and -IN are gates to CMOS transistors with typical input bias current of <1 nA. CMOS leakage is too small to
practically measure.
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC Performance
Gain Bandwidth Product
CL= 50 pF, RL= 2 kΩ to VS/2
1.2
MHz
Phase Margin
52
deg
Gain Margin
17
dB
Slew Rate
VO = 1VPP
1.5
V/
μs
Input Voltage Noise
>50 kHz
36
nV/
√Hz
Crosstalk
LMV358
100 kHz
91
dB
LMV324
100 kHz
80
DC Performance
Input Offset Voltage(1)
1.7
7.0
mV
Average Drift
8
μV/°C
Input Bias Current(2)
<1
nA
Input Offset Current(2)
<1
nA
Power Supply Rejection Ratio(1)
DC
50
65
dB
Supply Current (Per Channel)(1)
80
120
μA
Input Characteristics
Input Common Mode Voltage Range(1)
LO
0
-0.25
V
HI
1.5
1.3
Common Mode Rejection Ratio(1)
50
70
dB
Output Characteristics
Output Voltage Swing
RL= 10 kΩ to VS/2; LO
(1)
0.01
0.10
V
RL= 10 kΩ to VS/2; HI
(1)
2.60
2.69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com