Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LMV324
Description  General-Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV324 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LMV324 Datasheet HTML 3Page - ON Semiconductor LMV324 Datasheet HTML 4Page - ON Semiconductor LMV324 Datasheet HTML 5Page - ON Semiconductor LMV324 Datasheet HTML 6Page - ON Semiconductor LMV324 Datasheet HTML 7Page - ON Semiconductor LMV324 Datasheet HTML 8Page - ON Semiconductor LMV324 Datasheet HTML 9Page - ON Semiconductor LMV324 Datasheet HTML 10Page - ON Semiconductor LMV324 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LMV321 / LMV358 / LMV324 Rev. 2.10
6
Typical Operating Characteristics
TC = 25°C, VS = +5 V, G = 2, RL = 10 kΩ to VS/2, Rf = 10 kΩ, VO(DC) = VCC/2, unless otherwise noted.
Non-Inverting Freq. Response Vs = +5V
Frequency (MHz)
0.01
0.1
G = 10
1
10
G = 5
G = 1
G = 2
Inverting Frequency Response Vs = +5V
Frequency (MHz)
0.01
0.1
G = -10
1
10
G = -5
G = -1
G = -2
Non-Inverting Freq. Response Vs = +2.7V
Frequency (MHz)
0.01
0.1
G = 10
1
10
G = 5
G = 1
G = 2
Inverting Freq. Response Vs = +2.7V
Frequency (MHz)
0.01
0.1
G = -10
1
10
G = -5
G = -1
G = -2
Frequency Response vs. CL
Frequency (MHz)
0.01
0.1
1
10
CL = 200pF
Rs = 0
CL = 20pF
Rs = 0
CL = 200pF
Rs = 225Ω
CL = 100pF
Rs = 0
CL = 10pF
Rs = 0
CL = 2pF
Rs = 0
CL = 50pF
Rs = 0
+
-
10k
Ω
10k
Ω
Rs
CL
2k
Ω
Frequency Response vs. RL
Frequency (MHz)
0.01
0.1
1
10
RL = 1kΩ
RL = 2kΩ
RL = 100kΩ
RL = 10kΩ
Small Signal Pulse Response
Time (
μs)
020
2
4
6
8
10
12
14
16
18
-0.05
0.1
0.25
0
0.05
0.2
0.15
Large Signal Pulse Response
Time (
μs)
020
2
4
6
8
10
12
14
16
18
-0.5
0.1
2.5
0
0.5
2
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com