Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LMV324
Description  General-Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV324 Datasheet(HTML) 3 Page - ON Semiconductor

  LMV324 Datasheet HTML 1Page - ON Semiconductor LMV324 Datasheet HTML 2Page - ON Semiconductor LMV324 Datasheet HTML 3Page - ON Semiconductor LMV324 Datasheet HTML 4Page - ON Semiconductor LMV324 Datasheet HTML 5Page - ON Semiconductor LMV324 Datasheet HTML 6Page - ON Semiconductor LMV324 Datasheet HTML 7Page - ON Semiconductor LMV324 Datasheet HTML 8Page - ON Semiconductor LMV324 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LMV321 / LMV358 / LMV324 Rev. 2.10
2
Ordering Information
Pin Assignments
LMV321
LMV358
LMV324
Product Number
Package
Packing Method
Operating Temperature
LMV321AP5X
SC70 5L
Tape and Reel, 3000pcs
-40 to +125°C
LMV321AS5X
SOT-23 5L
Tape and Reel, 3000pcs
LMV358AM8X
SOIC 8L (Narrow)
Tape and Reel, 2500pcs
LMV358AMU8X
MSOP 8L
Tape and Reel, 3000pcs
LMV324AM14X
SOIC 14L
Tape and Reel, 2500pcs
–
+
1
2
3
+In
-Vs
-In
+Vs
Out
5
4
–
+
1
2
3
+In
-Vs
-In
+Vs
Out
5
4
SC70-5
SOT23-5
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
MSOP-8
-
+
-
+
1
2
3
4
Out1
-In1
+In1
-Vs
+Vs
Out2
-In2
+In2
8
7
6
5
SOIC-8
1
2
3
4
Out1
-In1
+In1
+Vs
Out4
-In4
+In4
-Vs
14
13
12
11
5
6
7
+In2
-In2
Out2
+In3
-In3
Out3
10
9
8
-
+
-
+
SOIC-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com