Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT.B Datasheet(PDF) 17 Page - Texas Instruments

Part # UCC28056CDBVT.B
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button UCC28056CDBVT.B Datasheet HTML 13Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 14Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 15Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 16Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 17Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 18Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 19Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 20Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
u
u
InMinPkL
ONMAX0
LMaxPkL
BST
V
T
I
2
L
u
LPkSOpt
LMaxPkL
I
1
2 I
3.5
T
u
u
u
u
u
G
T
G
T
2
CO
ONMAX0
InMinPkL
ON
Dem
ONMAX0
FF
2
ONDCH
COMax
ONDCH
InPkL
V
T
V
1
T
P
T
G
V
V
T u G
T
u
u
2
2
InEqMin
ON
ONDCH
In
InPkL
InPkL
Dem
2
2
InMax
InEq
ONMAX0
InMinPkL
InMinPkL
R
T
P
V
V
P
P
R
T
V
V
u BST
InEqMin
ONMAX0
2 L
R
T
17
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
Assume that full power operation at minimum Line operation is in CrM mode. Use Equation 6 to calculate the
PFC inductor value required to deliver maximum power from minimum Line.
where
•
TONMAX0 is the maximum switch ON time
(6)
Input power demand is an expression of the ratio of input power over maximum input power.
(7)
Equation 8 rearranges Equation 7 to express TON(θ) time as a function of power demand.
(8)
Equation 8 represents the CrM/DCM TON control principle implemented by UCC28056. This equation is quadratic
in nature but UCC28056 employs the value of δONDCH(θ) from previous cycles as the basis for computing TON(θ)
for the current cycle. The process is similar to solving an equation numerically by iteration.
A range of operating frequency options are available for CrM/DCM light-load operation. At one extreme, it can
operate at high frequency with low current pulses in CrM mode (TDCM = 0). At the other extreme it can operate, in
DCM mode, at minimum frequency (TDCM = TDCMMax) with current pulses of maximum amplitude. The controller
can select a TDCM value anywhere between these two extremes. Conduction loss normally dominates when
operating at minimum operating frequency leading to reduced efficiency. Switching loss normally dominates
when operating at maximum operating frequency (CrM) also leading to reduced efficiency. Typically the most
efficient operating frequency occurs when the pulse current amplitude is approximately one third of the maximum
value.
(9)
(10)
The UCC28056 transitions from CrM to DCM operation when the peak inductor current across a Line Cycle
drops below ILPkSOpt. While in DCM operation it adjusts the switching frequency to ensure that the peak inductor
current across a Line Cycle remains close to ILPkSOpt for all Line and Load conditions. In this way, UCC28056
attempts to maximize efficiency for all loads and for all Line voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com