Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT.B Datasheet(PDF) 44 Page - Texas Instruments

Part # UCC28056CDBVT.B
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT.B Datasheet(HTML) 44 Page - Texas Instruments

Back Button UCC28056CDBVT.B Datasheet HTML 40Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 41Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 42Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 43Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 44Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 45Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 46Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 47Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
44
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
10 Power Supply Recommendations
To operate UCC28056 must be powered from an external VCC supply voltage of 11 V to 34 V. To limit package
dissipation ensure that the supply voltage is not higher than 12 V. Locally decouple the VCC supply with a
capacitor of at least 1 µF connected between the VCC and GND pins using short PCB traces. The controller may
consume current from the VCC rail for a significant period of time; the exact duration depends upon Line and
load, before the output voltage (VOut) reaches regulation. The supply used to power the UCC28056 must be able
to source this energy during the period that output voltage attains regulation.
11 Layout
11.1 Layout Guidelines
11.1.1 VOSNS Pin
Locate the ROS2 and COS2 components adjacent to the VOSNS pin along with the lowest resistor(s) that comprise
ROS1. High voltage drops across the resistor(s) that comprise ROS1. Allow adequate spacing around the high-
voltage nodes that connect to and within ROS1 to avoid air discharge across the PCB surface.
11.1.2 ZCD/CS Pin
Switching edge spikes imposed on the signal feeding this pin may cause the internal ESD structures to conduct,
causing a voltage offset to appear on the capacitive divider feeding this pin. To limit this risk, place the voltage
divider close to the ZCD/CS pin and far from the region of fast changing magnetic field. See the shaded area
show in Figure 37. Maintain a small number of nets between the resistors and capacitors in the divider to limit
capacitive pickup within the divider chain. Maintain the loop identified in Figure 36 small and contain the
minimum area to limit magnetic pickup. Run the connections between the current sense resistor and UCC28056
directly to the terminals of resistor and not be shared with power circuit traces.
When laying out the PCB start with the ZCD/CS pin divider placement and routing to ensure that the needs of
this pin come first.
11.1.3 VCC Pin
A local decoupling capacitor should be connected directly between the VCC and GND pins via short, dedicated,
PCB traces. This capacitor supplies the high current pulses needed to charge the gate capacitance of the power
MOSFET.
11.1.4 GND Pin
Be sure to separate the PCB traces for the GND net of the UCC28056 far from the power circuit GND net.
Connect the GND pin of the UCC28056 device to the power circuit GND at only one terminal of the current
sense resistor. This connection method ensures that the voltage between the UCC28056 device GND pin and
the ZCD/CS pins remains equal to the voltage across the current sense resistor during the MOSFET conduction
period.
11.1.5 DRV Pin
Avoid placing the DRV pin traces close to other high-impedance nets such as ZCD/CS or VOSNS. The fast rising
and falling edges associated with the waveform on this pin may capacitively couple onto these high impedance
nets causing disturbance near the switching edges.
11.1.6 COMP Pin
Locate the RC network attached to this pin close to the pin. Return to the GND pin should be via a short PCB
trace.
11.2 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com