Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT.B Datasheet(PDF) 40 Page - Texas Instruments

Part # UCC28056CDBVT.B
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT.B Datasheet(HTML) 40 Page - Texas Instruments

Back Button UCC28056CDBVT.B Datasheet HTML 36Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 37Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 38Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 39Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 40Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 41Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 42Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 43Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
u S u
u
Z
CO
CO
1
f
2
C
R
Z
u S u
Z
u
Z
Z
u S u
Ctrl0
Z
Ctrl
P
j
1
G
2
f
G
j
j
j
1
2
f
§
·
u
¨
¸
Z u
Z u
Z
©
¹
Z
u
u
Z
Z u
Z u
CO
OSRe g
CO
CO1
CO
Ctrl
M
Out
Out Re g
CO
CO
CO1
1
1
R
V
j
C
j
C
v
j
G
j
g
1
1
v
j
V
R
j
C
j
C
Z
Z
u
u
Z
Z
Z
u
u
Out
OutMax
Plant
Plant0
CO
COMax
Out Re g
Out
v
j
P
1
1
G
j
G
v
j
j
j
V
V
C
2
Out Re g
OSDiv
OS11
OS12
OS2
V
P
15.5 mW
R
R
R
u
OS11
OS12
OS2
Out Re g
OSRe g
OS2
R
R
R
V
V
390 V
R
:
:
:
OS12
R
36.5 k
/ / 120 k
28.0 k
:
:
:
OS2
R
75 k
/ / 390 k
62.9 k
:
OS11
OS12
OS2
OS
R
R
R
62.89 k
K
1
40
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(78)
These two divider resistor values can be implemented using easily obtainable values as follows:
(79)
(80)
Actual regulation set point is therefore:
(81)
Power dissipated in the VOSNS resistor divider is:
(82)
9.2.2.5 Voltage Loop Compensation
The design of the voltage control loop of a PFC stage is requires compromise. The voltage control loop must be
fast to achieve a good transient response to steps in load current, but tTo minimize distortion of the Line current
it must be slow. This section describes the selection of compensation components that deliver a target Line
current distortion and phase margin.
9.2.2.5.1
Plant Model
The first step is to produce a small signal model of the PFC Boost converter. A constant power load is assumed
to be connected across the output capacitor. This provides the most accurate representation of a switched mode
regulator delivering constant output voltage. The plant gain is assumed to be independent of Line voltage due to
the action of the internal Line voltage feed-forward circuit. Across the Universal Line voltage range (90 VRMS-264
VRMS), plant gain actually varies by ±-20% due to the quantized nature of the Line voltage feed-forward circuit.
(83)
9.2.2.5.2
Compensator Design
The integrator response of the plant provides a gain roll off of –20dB/decade and introduces a phase lag of 90°.
A simple integrating compensation network provides unacceptable phase margin because it introduces a second
90° of phase lag into the voltage loop. To ensure adequate phase margin, use a type 2 compensation network to
provide the desired phase boost a the gain cross-over frequency. Equation 84 describes the mall-signal gain of
the error amplifier and type 2 compensation network.
(84)
Equation (84) may also be expressed as follows:
where
(86)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com