Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT.B Datasheet(PDF) 48 Page - Texas Instruments

Part # UCC28056CDBVT.B
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT.B Datasheet(HTML) 48 Page - Texas Instruments

Back Button UCC28056CDBVT.B Datasheet HTML 44Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 45Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 46Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 47Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 48Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 49Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 50Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 51Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Jun-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
UCC28056ADBVR
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
Call TI | Nipdau
Level-1-260C-UNLIM
-40 to 125
805A
UCC28056ADBVR.A
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805A
UCC28056ADBVR.B
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805A
UCC28056ADBVT
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
Call TI | Nipdau
Level-1-260C-UNLIM
-40 to 125
805A
UCC28056ADBVT.A
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805A
UCC28056ADBVT.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805A
UCC28056ADBVTG4
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
805A
UCC28056ADBVTG4.A
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
805A
UCC28056ADBVTG4.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
805A
UCC28056BDBVR
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
Call TI | Nipdau
Level-1-260C-UNLIM
-40 to 125
805B
UCC28056BDBVR.A
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805B
UCC28056BDBVR.B
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805B
UCC28056BDBVT
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
Call TI | Nipdau
Level-1-260C-UNLIM
-40 to 125
805B
UCC28056BDBVT.A
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805B
UCC28056BDBVT.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805B
UCC28056CDBVR
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
Call TI | Nipdau
Level-1-260C-UNLIM
-40 to 125
805C
UCC28056CDBVR.A
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805C
UCC28056CDBVR.B
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805C
UCC28056CDBVT
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
Call TI | Nipdau
Level-1-260C-UNLIM
-40 to 125
805C
UCC28056CDBVT.A
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805C
UCC28056CDBVT.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
805C
UCC28056DBVR
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
8056
UCC28056DBVR.A
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
8056
UCC28056DBVR.B
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
8056
UCC28056DBVT
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
8056
UCC28056DBVT.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
8056
UCC28056DBVTG4
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
8056
UCC28056DBVTG4.B
Active
Production
SOT-23 (DBV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
8056
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com