Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT.B Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC28056CDBVT.B
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT.B Datasheet(HTML) 5 Page - Texas Instruments

  UCC28056CDBVT.B Datasheet HTML 1Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 2Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 3Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 4Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 5Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 6Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 7Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 8Page - Texas Instruments UCC28056CDBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
COMP
DRV
GND
VOSNS
ZCD/CS
VCC
1
2
3
6
5
4
5
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
COMP
6
I/O
Output of the internal transconductance error amplifier and power demand input. To achieve
compensation of the voltage loop, connect a suitable RC network from this pin to GND. The error
amplifier output is internally limited to VCOClmp. An internal resistor, RCODisch, discharges the external
compensation network when the controller is in its Stopb state or when the Ovp2 comparator is tripped.
Switching stops, and the controller enters a low-power state (BstOffb), when the voltage on the COMP
pin drops below VBSTFall. Switching resumes when the COMP pin voltage exceeds VBSTRise.
DRV
5
I/O
GATE connection to drive the main power MOSFET. This output is internally limited to VDRHigh. This is
done to reduce power dissipation in the internal driver and allow controller operation from high VCC
voltages. An external resistor connected from DRV to GND adjusts the delay between the Drain
waveform falling below VIn and the DRV rising edge, allowing the turn on transition to be aligned to the
valley minimum accurately over a wide range of idle ring oscillating frequency.
GND
4
G
Controller Ground reference pin. Connect to the power stage at the lower terminal of the current sense
resistor, RCS, only.
VCC
3
P
Positive supply voltage. Switching operation can start once VCC exceeds VCCStart. Switching operation
ceases if VCC drops below VCCStop for longer than TUVLOBlk.
ZCD/CS
2
I
This pin is fed by a potential divider connected across the Drain & Source pins of the power MOSFET
switch. While the DRV pin is high this pin monitors the voltage across the current sense resistor, RCS.
This pin implement over-current protection functions. While the DRV pin in low this pin monitors the Drain
voltage waveform. Input voltage applied to the power stage can be obtained by filtering the Drain
waveform. Input voltage provides Line voltage feed - forward and Line Brown - In features. Drain voltage
waveform is also used to provide ZCD detection, valley synchronization and second level output over -
voltage protection features.
VOSNS
1
I
Voltage error amplifier inverting input. The error amplifier non - inverting input connects to internal
reference voltage VOSReg. Error amplifier gain increases with error magnitude to improve transient
response without compromising Line current distortion. Output over-voltage protection is implemented on
this pin. Switching operation halts if the voltage on this pin exceeds VOvp1Rise and resumes when it drops
below VOvp1Fall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com