Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4500/1 Datasheet(PDF) 14 Page - Texas Instruments

Part # THS4500/1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4500/1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4500/1 Datasheet HTML 10Page - Texas Instruments THS4500/1 Datasheet HTML 11Page - Texas Instruments THS4500/1 Datasheet HTML 12Page - Texas Instruments THS4500/1 Datasheet HTML 13Page - Texas Instruments THS4500/1 Datasheet HTML 14Page - Texas Instruments THS4500/1 Datasheet HTML 15Page - Texas Instruments THS4500/1 Datasheet HTML 16Page - Texas Instruments THS4500/1 Datasheet HTML 17Page - Texas Instruments THS4500/1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
RL = 800 Ω
VS = ±5 V
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
800
900
1000
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
VS − Supply Voltage − ±V
RL = 800 Ω
TYPICAL CHARACTERISTICS: 5 V
−4
−3
−2
−1
0
1
0.1
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 499 Ω
PIN = −20 dBm
VS = 5 V
1
10
100
1000
Rf = 499 Ω
f − Frequency − MHz
Gain = 1
RL = 800 Ω
PIN = −20 dBm
VS = 5 V
−0.3
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
−2
0
2
4
6
8
10
12
14
16
18
20
22
0.1
1
10
100
1000
f − Frequency − MHz
Gain = 10
Gain = 5
Gain = 2
RL = 800 Ω
Rf = 499 Ω
PIN = −20 dBm
VS = 5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
HD3
HD2
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 8 MHz
VS = 5 V
0
0
0.5
1
1.5
2
2.5
3
3.5
4
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 499 Ω
VO = 2 VPP
VS = 5 V
0.1
1
10
100
1000
f − Frequency − MHz
RL = 800 Ω
VO = 2 VPP
VS = 5 V
−5
0
5
10
15
20
25
Gain = 10, Rf = 1.8 kΩ
Gain = 5, Rf = 1.8 kΩ
Gain = 2, Rf = 1.8 kΩ
Gain = 1, Rf = 1.8 kΩ
THS4504
THS4505
SLOS363D – AUGUST 2002 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: ±5 V (continued)
POWER-DOWN QUIESCENT CURRENT
POWER-DOWN QUIESCENT CURRENT
vs
vs
CASE TEMPERATURE
SUPPLY VOLTAGE
Figure 36.
Figure 37.
SMALL-SIGNAL UNITY-GAIN
SMALL-SIGNAL FREQUENCY
0.1-dB GAIN FLATNESS
FREQUENCY RESPONSE
RESPONSE
FREQUENCY RESPONSE
Figure 38.
Figure 39.
Figure 40.
HARMONIC DISTORTION
HARMONIC DISTORTION
LARGE-SIGNAL FREQUENCY
vs
vs
RESPONSE
OUTPUT VOLTAGE SWING
FREQUENCY
Figure 41.
Figure 42.
Figure 43.
14
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com