Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4500/1 Datasheet(PDF) 20 Page - Texas Instruments

Part # THS4500/1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4500/1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4500/1 Datasheet HTML 16Page - Texas Instruments THS4500/1 Datasheet HTML 17Page - Texas Instruments THS4500/1 Datasheet HTML 18Page - Texas Instruments THS4500/1 Datasheet HTML 19Page - Texas Instruments THS4500/1 Datasheet HTML 20Page - Texas Instruments THS4500/1 Datasheet HTML 21Page - Texas Instruments THS4500/1 Datasheet HTML 22Page - Texas Instruments THS4500/1 Datasheet HTML 23Page - Texas Instruments THS4500/1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
V
=
OUT+
V
(1
)
V
(1
)+2V
b
IN+
IN
OCM
-
- b -
- b
2b
(1)
V
=
OUT-
-
b
V
(1
)+V
(1
)+2V
IN+
IN
OCM
-
- b
- b
2b
(2)
V =V
(1
)+V
- b
N
IN
OUT+
-
b
(3)
V
OCM
+V
S
V
S
R
S
R
G1
R
G2
R
F1
R
F2
+
R
T
+
-
-
b =
R
G
R +R
F
G
(4)
V =V
(1
)+V
- b
P
IN+
OUT-b
(5)
V
OCM
+V
S
V
S
R
S
R
G1
R
G2
R
F1
R
F2
+
R
T
+
-VS
-
-
V
OCM
R
G
R
G
R
F
R
F
+
+
V
P
V
N
V
OUT-
V
OUT+
V
IN+
V
IN-
-
-
THS4504
THS4505
SLOS363D – AUGUST 2002 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
Where:
Figure 76. Application Circuit for the THS4500 and
THS4501, Featuring Single-Supply Operation with
a Ground-Referenced Input Signal
NOTE:
The equations denote the
device inputs as VN and
VP, and the circuit inputs
as VIN+ and VIN–.
Figure 77. Application Circuit for the THS4500 and
THS4501, Featuring Split-Supply Operation with
an Input Signal Referenced at the Midrail
Equation 1 to Equation 5 allow calculation of the
Figure 78. Diagram for Input Common-Mode
required input common-mode range for a given set of
Range Equations
input conditions.
The equations allow calculation of the input common-
Table 1 and Table 2 show the input common-mode
mode range requirements given information about the
range requirements for two different input scenarios,
input signal, the output voltage swing, the gain, and
an input referenced around the negative rail and an
the output common-mode voltage. Calculating the
input referenced around midrail. The tables highlight
maximum and minimum voltage required for VN and
the differing requirements on input common-mode
VP (the amplifier input nodes) determines whether or
range, and illustrate reasoning for choosing either the
not the input common-mode range is violated or not.
THS4500/1 or the THS4502/3. For signals referenced
Four equations are required. Two calculate the output
around the negative power supply, the THS4500/1
voltages and two calculate the node voltages at VN
should be chosen since its input common-mode
and VP (note that only one of these needs calculation,
range includes the negative supply rail. For all other
as the amplifier forces a virtual short between the two
situations, the THS4502/3 offers slightly improved
nodes).
distortion and noise performance for applications with
input signals centered between the power-supply
rails.
Table 1. Negative-Rail Referenced
Gain (V/V)
VIN+ (V)
VIN– (V)
VIN (VPP)
VOCM (V)
VOD (VPP)
VNMIN (V)
VNMAX (V)
1
–2.0 to 2.0
0
4
2.5
4
0.75
1.75
2
–1.0 to 1.0
0
2
2.5
4
0.5
1.167
4
–0.5 to 0.5
0
1
2.5
4
0.3
0.7
8
–0.25 to 0.25
0
0.5
2.5
4
0.167
0.389
20
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com