Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4500/1 Datasheet(PDF) 16 Page - Texas Instruments

Part # THS4500/1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4500/1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4500/1 Datasheet HTML 12Page - Texas Instruments THS4500/1 Datasheet HTML 13Page - Texas Instruments THS4500/1 Datasheet HTML 14Page - Texas Instruments THS4500/1 Datasheet HTML 15Page - Texas Instruments THS4500/1 Datasheet HTML 16Page - Texas Instruments THS4500/1 Datasheet HTML 17Page - Texas Instruments THS4500/1 Datasheet HTML 18Page - Texas Instruments THS4500/1 Datasheet HTML 19Page - Texas Instruments THS4500/1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
−100
0
100
200
300
400
500
t − Time − ns
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
−100
0
100
200
300
400
500
t − Time − ns
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V
1
10
100
0.01
0.1
1
10
100
Vn
In
f − Frequency − kHz
1000
10 k
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = 5 V
0
20
40
60
80
100
120
−10
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
f − Frequency − MHz
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = 5 V
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
f − Frequency − MHz
PIN = 16 dBm
RL = 800 Ω
Rf = 499 Ω
VS = 5 V
-40-30-20-10 0 10 20 30 40 50 60 70 80 90
Case Temperature
C
- °
VS = 5 V
IIB-
IIB+
IOS
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
−40−30−20−100
10 20 30 40 50 60 70 80 90
Case Temperature −
°C
RL = 800 Ω
VS = 5 V
46
47
48
49
50
51
52
53
54
55
56
57
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
−150
−120
−90
−60
−30
0
30
f − Frequency − MHz
PIN = −30 dBm
RL = 800 Ω
VS = 5 V
Gain
Phase
THS4504
THS4505
SLOS363D – AUGUST 2002 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: 5 V (continued)
VOLTAGE AND CURRENT NOISE
LARGE-SIGNAL TRANSIENT
SMALL-SIGNAL TRANSIENT
vs
RESPONSE
RESPONSE
FREQUENCY
Figure 53.
Figure 54.
Figure 55.
REJECTION RATIOS
REJECTION RATIOS
OUTPUT BALANCE ERROR
vs
vs
vs
FREQUENCY
CASE TEMPERATURE
FREQUENCY
Figure 56.
Figure 57.
Figure 58.
INPUT BIAS AND OFFSET
OPEN-LOOP GAIN AND PHASE
OPEN-LOOP GAIN
CURRENT
vs
vs
vs
FREQUENCY
CASE TEMPERATURE
CASE TEMPERATURE
Figure 59.
Figure 60.
Figure 61.
16
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com