Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4500/1 Datasheet(PDF) 30 Page - Texas Instruments

Part # THS4500/1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4500/1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4500/1 Datasheet HTML 26Page - Texas Instruments THS4500/1 Datasheet HTML 27Page - Texas Instruments THS4500/1 Datasheet HTML 28Page - Texas Instruments THS4500/1 Datasheet HTML 29Page - Texas Instruments THS4500/1 Datasheet HTML 30Page - Texas Instruments THS4500/1 Datasheet HTML 31Page - Texas Instruments THS4500/1 Datasheet HTML 32Page - Texas Instruments THS4500/1 Datasheet HTML 33Page - Texas Instruments THS4500/1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
POWER DISSIPATION AND THERMAL
2
1.5
1
0
−40
−20
0
20
2.5
3
3.5
40
60
80
TA − Ambient Temperature − °C
8-Pin DGN Package
θJA = 170°C/W for 8-Pin SOIC (D)
θJA = 58.4°C/W for 8-Pin MSOP (DGN)
ΤJ = 150°C, No Airflow
0.5
8-Pin D Package
P
Dmax
=
T
max
A
T
-
qJA
(28)
DRIVING CAPACITIVE LOADS
VS
RS
RG
RF
RF
+
RT
RISO
CL
RG
R
=10
25
-
W
ISO
VS
-VS
RISO
+
-
-
THS4504
THS4505
SLOS363D – AUGUST 2002 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
CONSIDERATIONS
The THS4500 family of devices does not incorporate
automatic thermal shutoff protection, so the designer
must take care to ensure that the design does not
violate the absolute maximum junction temperature of
the device. Failure may result if the absolute
maximum
junction
temperature
of
+150
°C is
exceeded. For best performance, design for a
maximum junction temperature of +125
°C. Between
+125
°C and +150°C, damage does not occur, but the
performance of the amplifier begins to degrade.
The thermal characteristics of the device are dictated
by the package and the PC board. Maximum power
dissipation for a given package can be calculated
using the following formula.
Figure 91. Maximum Power Dissipation vs
Ambient Temperature
Where:
When determining whether or not the device satisfies
PDmax is the maximum power dissipation in the
the maximum power dissipation requirement, it is
amplifier (W).
important to not only consider quiescent power
TMAX
is
the
absolute
maximum
junction
dissipation, but also dynamic power dissipation. Often
temperature (
°C).
times, this is difficult to quantify because the signal
pattern is inconsistent, but an estimate of the RMS
TA is the ambient temperature (°C).
power dissipation can provide visibility into a possible
θ
JA = θJC + θCA
problem.
θ
JC
is the thermal coefficient from the silicon
junctions to the case (
°C/W).
θ
CA is the thermal coefficient from the case to
High-speed amplifiers are typically not well-suited for
ambient air (
°C/w).
driving large capacitive loads. If necessary, however,
For systems where heat dissipation is more critical,
the load capacitance should be isolated by two
the THS4500 family of devices is offered in an
isolation resistors in series with the output. The
MSOP-8 with PowerPAD. The thermal coefficient for
requisite isolation resistor size depends on the value
the
MSOP
PowerPAD
package
is
substantially
of the capacitance, but 10
Ω to 25 Ω is a good place
improved over the traditional SOIC. Maximum power
to begin the optimization process. Larger isolation
dissipation levels are depicted in the graph for the
resistors decrease the amount of peaking in the
two packages. The data for the DGN package
frequency response induced by the capacitive load,
assumes a board layout that follows the PowerPAD
but this comes at the expense of larger voltage drop
layout guidelines referenced above and detailed in
across the resistors, increasing the output swing
the PowerPAD application notes in the Additional
requirements of the system.
Reference Materialsection at the end of the data
sheet.
Figure 92. Use of Isolation Resistors with a
Capacitive Load
30
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com