Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4500/1 Datasheet(PDF) 12 Page - Texas Instruments

Part # THS4500/1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4500/1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4500/1 Datasheet HTML 8Page - Texas Instruments THS4500/1 Datasheet HTML 9Page - Texas Instruments THS4500/1 Datasheet HTML 10Page - Texas Instruments THS4500/1 Datasheet HTML 11Page - Texas Instruments THS4500/1 Datasheet HTML 12Page - Texas Instruments THS4500/1 Datasheet HTML 13Page - Texas Instruments THS4500/1 Datasheet HTML 14Page - Texas Instruments THS4500/1 Datasheet HTML 15Page - Texas Instruments THS4500/1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
−10
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
f − Frequency − MHz
PSRR+
PSRR−
CMMR
RL = 800 Ω
VS = ±5 V
0
20
40
60
80
100
120
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
PSRR+
CMMR
RL = 800 Ω
VS = ±5 V
0.1
1
10
100
f − Frequency − MHz
PIN = 16 dBm
RL = 800 Ω
Rf = 499 Ω
VS = ±5 V
−80
−70
−60
−50
−40
−30
−20
−10
0
10
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = ±5 V
IIB+
IOS
Case Temperature −
°C
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
−0.09
−0.08
−0.07
−0.06
−0.05
−0.04
−0.03
−0.02
−0.01
0
IIB−
58
49
50
51
52
53
54
55
56
57
−40−30−20−10 0
10 20 30 40 50 60 70 80 90
Case Temperature −
°C
RL = 800 Ω
VS = ±5 V
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
−150
−120
−90
−60
−30
0
30
f − Frequency − MHz
PIN = −30 dBm
RL = 800 Ω
VS = ±5 V
Gain
Phase
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − ±V
TA = 85°C
TA = 25°C
TA = −40°C
0
5
10
15
20
25
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = ±5 V
0
1
2
3
4
5
−6 −5 −4 −3 −2 −1 0
1
2
3
4
5
6
−10
0
10
20
30
40
50
60
70
80
90
100
110
Input Common-Mode Voltage Range − V
VS = ±5 V
THS4504
THS4505
SLOS363D – AUGUST 2002 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: ±5 V (continued)
REJECTION RATIOS
REJECTION RATIOS
OUTPUT BALANCE ERROR
vs
vs
vs
FREQUENCY
CASE TEMPERATURE
FREQUENCY
Figure 19.
Figure 20.
Figure 21.
INPUT BIAS AND OFFSET
OPEN-LOOP GAIN AND PHASE
OPEN-LOOP GAIN
CURRENT
vs
vs
vs
FREQUENCY
CASE TEMPERATURE
CASE TEMPERATURE
Figure 22.
Figure 23.
Figure 24.
QUIESCENT CURRENT
INPUT OFFSET VOLTAGE
COMMON-MODE REJECTION RATIO
vs
vs
vs
SUPPLY VOLTAGE
CASE TEMPERATURE
INPUT COMMON-MODE RANGE
Figure 25.
Figure 26.
Figure 27.
12
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com