Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # THS4522IPWR
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4522IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4522IPWR Datasheet HTML 17Page - Texas Instruments THS4522IPWR Datasheet HTML 18Page - Texas Instruments THS4522IPWR Datasheet HTML 19Page - Texas Instruments THS4522IPWR Datasheet HTML 20Page - Texas Instruments THS4522IPWR Datasheet HTML 21Page - Texas Instruments THS4522IPWR Datasheet HTML 22Page - Texas Instruments THS4522IPWR Datasheet HTML 23Page - Texas Instruments THS4522IPWR Datasheet HTML 24Page - Texas Instruments THS4522IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
1k
100
10
1
10
100
1000
C
(pF)
LOAD
110
100
90
80
70
60
50
10k
100k
1M
10M
100M
Frequency(Hz)
V
=5.0V
G=1V/V
R =1k
S+
F
W
CMRR
+PSRR
PSRR
-
100
10
1
0.1
0.01
100k
1M
10M
100M
Frequency(Hz)
5
0
5
10
15
20
25
-
-
-
-
-
100k
1M
10M
100M
1G
Frequency(Hz)
C =10pF
R =124
L
O
W
C =100pF
R =35.7
L
O
W
C =1000pF
R =7.15
L
O
W
C =4.7pF
R =150
L
O
W
-10
20
30
40
50
60
70
80
90
100
110
-
-
-
-
-
-
-
-
-
-
1
10
100
Frequency(MHz)
Second
Intermodulation
Third
Intermodulation
V
=5V
G=1V/V
R =1k
R =1k
S+
F
L
PP
W
W
V
=2.0V
OUT
envelope
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
100
1 k
10 k
Load Resistance (W)
V
max
OUT
V
min
OUT
Linear Output Voltage Range
V
= 2.5 V
OCM
THS4521, THS4522, THS4524
www.ti.com
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
Typical Characteristics: 5 V (continued)
At VS+ = +5 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RF = 1 kΩ, RL = 1 kΩ differential, G = 1 V/V, single-ended
input, differential output, and input and output referenced to midsupply, unless otherwise noted.
Figure 40. Single-Ended Output Voltage Swing vs
Figure 39. Two-Tone Intermodulation Distortion vs
Differential Load Resistance
Frequency
Figure 41. Main Amplifier Differential Output Impedance vs
Figure 42. Frequency Response vs CLOAD RLOAD = 1 kΩ
Frequency
Figure 43. RO vs CLOAD RLOAD = 1 kΩ
Figure 44. Rejection Ratio vs Frequency
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com