Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPWR Datasheet(PDF) 40 Page - Texas Instruments

Part # THS4522IPWR
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4522IPWR Datasheet(HTML) 40 Page - Texas Instruments

Back Button THS4522IPWR Datasheet HTML 36Page - Texas Instruments THS4522IPWR Datasheet HTML 37Page - Texas Instruments THS4522IPWR Datasheet HTML 38Page - Texas Instruments THS4522IPWR Datasheet HTML 39Page - Texas Instruments THS4522IPWR Datasheet HTML 40Page - Texas Instruments THS4522IPWR Datasheet HTML 41Page - Texas Instruments THS4522IPWR Datasheet HTML 42Page - Texas Instruments THS4522IPWR Datasheet HTML 43Page - Texas Instruments THS4522IPWR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
V
S+
V
OCM
V
S–
275 k
275 k
I
EXT
To internal
V
circuit
OCM
I
=
EXT
2V
(V
V )
50k
-
-
W
OCM
S+
S-
V
OUT+
´
R
R +R
G
G
F
V
IN- ´
R
R +R
F
G
F
+
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
8.5 Programming
8.5.1 Input Common-Mode Voltage Range
The input common-mode voltage of a fully-differential amplifier is the voltage at the + and – input pins of the
device.
It is important to not violate the input common-mode voltage range (VICR) of the amplifier. Assuming the amplifier
is in linear operation, the voltage across the input pins is only a few millivolts at most. Therefore, finding the
voltage at one input pin determines the input common-mode voltage of the amplifier.
Treating the negative input as a summing node, the voltage is given by Equation 8:
(8)
To determine the VICR of the amplifier, the voltage at the negative input is evaluated at the extremes of VOUT+. As
the gain of the amplifier increases, the input common-mode voltage becomes closer and closer to the input
common-mode voltage of the source.
8.5.1.1 Setting the Output Common-Mode Voltage
The output common-model voltage is set by the voltage at the VOCM pin. The internal common-mode control
circuit maintains the output common-mode voltage within 5-mV offset (typ) from the set voltage. If left
unconnected, the common-mode set point is set to midsupply by internal circuitry, which may be overdriven from
an external source.
Figure 78 represents the VOCM input. The internal VOCM circuit has typically 23 MHz of –3 dB bandwidth, which is
required for best performance, but it is intended to be a dc bias input pin. A 0.22-
μF bypass capacitor is
recommended on this pin to reduce noise. The external current required to overdrive the internal resistor divider
is given approximately by the formula in Equation 9:
where:
•
VOCM is the voltage applied to the VOCM pin
(9)
Figure 78. VOCM Input Circuit
40
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com