Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # THS4522IPWR
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4522IPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4522IPWR Datasheet HTML 26Page - Texas Instruments THS4522IPWR Datasheet HTML 27Page - Texas Instruments THS4522IPWR Datasheet HTML 28Page - Texas Instruments THS4522IPWR Datasheet HTML 29Page - Texas Instruments THS4522IPWR Datasheet HTML 30Page - Texas Instruments THS4522IPWR Datasheet HTML 31Page - Texas Instruments THS4522IPWR Datasheet HTML 32Page - Texas Instruments THS4522IPWR Datasheet HTML 33Page - Texas Instruments THS4522IPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
6
3
0
3
6
9
12
15
18
21
24
-
-
-
-
-
-
-
-
0.1
1
10
100
1000
Frequency (MHz)
SMALL-SIGNAL FREQUENCY RESPONSE
Device and Package Option Comparison
V
= 5.0 V
Gain = 1 V/V
S+
R = 1 k
R = 1 k
F
L
W
W
THS4522,
THS4524
THS4521
MSOP
THS4521
SOIC
6
3
0
3
6
9
12
15
18
21
24
–
–
–
–
–
–
–
–
0.1
1
10
100
1000
Frequency (MHz)
SMALL-SIGNAL FREQUENCY RESPONSE
Gain = 1, R = R = R = 1 k
and 10 k
F
G
L
1 k
10 k
V
= 5.0 V
V = 100 mV
Gain = 1 V/V
S+
O
PP
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
8.3.8 Low-Power Applications and the Effects of Resistor Values on Bandwidth
For low-power operation, it may be necessary to increase the gain setting resistors values to limit current
consumption and not load the source. Using larger value resistors lowers the bandwidth of the THS4521,
THS4522, and THS4524 family as a result of the interactions between the resistors, the device parasitic
capacitance, and printed circuit board (PCB) parasitic capacitance. Figure 62 shows the small-signal frequency
response with 1-k
Ω and 10-kΩ resistors for RF, RG, and RL (impedance is assumed to typically increase for all
three resistors in low-power applications).
Figure 62. THS4521 Frequency Response With Various Gain Setting and Load Resistor Values
8.3.9 Frequency Response Variation due to Package Options
Users can see variations in the small-signal (VOUT = 100 mVPP) frequency response between the available
package options for the THS4521, THS4522, and THS4524 family as a result of parasitic elements associated
with each package and board layout changes. Figure 63 shows the variance measured in the lab; this variance is
to be expected even when using a good layout.
Figure 63. Small-Signal Frequency Response: Package Variations
30
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com