Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # THS4522IPWR
Description  THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4522IPWR Datasheet(HTML) 4 Page - Texas Instruments

  THS4522IPWR Datasheet HTML 1Page - Texas Instruments THS4522IPWR Datasheet HTML 2Page - Texas Instruments THS4522IPWR Datasheet HTML 3Page - Texas Instruments THS4522IPWR Datasheet HTML 4Page - Texas Instruments THS4522IPWR Datasheet HTML 5Page - Texas Instruments THS4522IPWR Datasheet HTML 6Page - Texas Instruments THS4522IPWR Datasheet HTML 7Page - Texas Instruments THS4522IPWR Datasheet HTML 8Page - Texas Instruments THS4522IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
13
14
15
16
17
18
19
26
25
24
23
22
21
20
V
OUT3+
V
S3+
V
S
-
V
OUT4
-
V
OUT4+
V
S4+
V
IN3+
V
IN3
-
V
OCM3
PD
4
V
IN4+
V
IN4
-
V
OCM4
9
10
11
12
30
29
28
27
V
S2+
V
S
-
V
OUT3
-
PD
2
PD
3
1
2
3
4
5
6
7
8
38
37
36
35
34
33
32
31
V
S
-
V
OUT1
-
V
OUT1+
V
S1+
V
S
-
V
OUT2
-
V
OUT2+
PD
1
V
IN1+
V
IN1
-
V
OCM1
V
S
-
V
IN2+
V
IN2
-
V
OCM2
V
S
-
V
S
-
V
S
-
V
S
-
V
S
-
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
S
-
V
OUT1
-
V
OUT1+
V
S1+
V
S
-
V
OUT2
-
V
OUT2+
V
S2+
PD
1
V
IN1+
V
IN1
-
V
OCM1
PD
2
V
IN2+
V
IN2
-
V
OCM2
1
2
3
4
8
7
6
5
V
IN+
PD
V
S
-
V
OUT
-
V
IN
-
V
OCM
V
S+
V
OUT+
THS4521, THS4522, THS4524
SBOS458H – DECEMBER 2008 – REVISED JUNE 2015
www.ti.com
6 Pin Configuration and Functions
THS4521 D and DGK Package
THS4524 DBT Package
8-Pin SOIC and VSSOP
38-Pin TSSOP
Top View
Top View
THS4522 PW Package
16-Pin TSSOP
Top View
Pin Functions: THS4521
PIN
DESCRIPTION
NAME
NO.
VIN–
1
Inverting amplifier input
VOCM
2
Common-mode voltage input
VS+
3
Amplifier positive power-supply input
VOUT+
4
Noninverting amplifier output
VOUT–
5
Inverting amplifier output
VS–
6
Amplifier negative power-supply input. Note that VS– is tied together on multi-channel devices.
PD
7
Power down. PD = logic low puts device into low-power mode. PD = logic high or open for normal operation.
VIN+
8
Noninverting amplifier input
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com