Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV9062IPWR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9062IPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLV9062IPWR Datasheet HTML 1Page - Texas Instruments TLV9062IPWR Datasheet HTML 2Page - Texas Instruments TLV9062IPWR Datasheet HTML 3Page - Texas Instruments TLV9062IPWR Datasheet HTML 4Page - Texas Instruments TLV9062IPWR Datasheet HTML 5Page - Texas Instruments TLV9062IPWR Datasheet HTML 6Page - Texas Instruments TLV9062IPWR Datasheet HTML 7Page - Texas Instruments TLV9062IPWR Datasheet HTML 8Page - Texas Instruments TLV9062IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
1 Features
• Rail-to-rail input and output
• Low input offset voltage: ±0.3mV
• Unity-gain bandwidth: 10MHz
• Low broadband noise: 10nV/√ Hz
• Low input bias current: 0.5pA
• Low quiescent current: 538µA
• Unity-gain stable
• Internal RFI and EMI filter
• Operational at supply voltages as low as 1.8V
• Easier to stabilize with higher capacitive load due
to resistive open-loop output impedance
• Shutdown version: TLV906xS
• Extended temperature range: –40°C to 125°C
2 Applications
• E-bikes
• Smoke detectors
• HVAC: heating, ventilating, and air conditioning
• Motor control: AC induction
• Refrigerators
• Wearable devices
• Laptop computers
• Washing machines
• Sensor signal conditioning
• Power modules
• Barcode scanners
• Active Filters
• Low-side current sensing
3 Description
The TLV9061 (single), TLV9062 (dual), and TLV9064
(quad) are single-, dual-, and quad- low-voltage, 1.8V
to 5.5V) operational amplifiers, op amps) with rail-to-
rail input and output swing capabilities.
These devices are highly cost-effective options for
applications where low-voltage operation, a small
footprint, and high capacitive load drive are required.
Although the capacitive load drive of the TLV906x
is 100pF, the resistive open-loop output impedance
makes stabilizing with higher capacitive loads simpler.
These op amps are designed specifically for low-
voltage operation (1.8V to 5.5V), with performance
specifications similar to the OPAx316 and TLVx316
devices.
The TLV906xS devices include a shutdown mode that
allow the amplifiers to switch into standby mode with
typical current consumption less than 1µA.
The TLV906xS family helps simplify system design,
because the family is unity-gain stable, integrates the
RFI and EMI rejection filter, and provides no phase
reversal in overdrive condition.
Micro size packages, such as X2SON and X2QFN,
are offered for all the channel variants (single, dual
and quad), along with industry-standard packages,
such as SOIC, MSOP, SOT-23, and TSSOP.
Device Information
PART NUMBER(3)
PACKAGE(1)
BODY SIZE (NOM)(4)
TLV9061
DBV (SOT-23, 5)
2.90mm × 1.60 mm
DCK (SC70, 5)
2.00mm × 1.25 mm
DRL (SOT-553, 5)(2)
1.60mm × 1.20 mm
DPW (X2SON, 5)
0.80mm × 0.80mm
TLV9061S
DBV (SOT-23, 6)
2.90mm × 1.60 mm
DRY (USON, 6)
1.45mm × 1.00 mm
TLV9062
D (SOIC, 8)
4.90mm × 3.90 mm
PW (TSSOP, 8)
3.00mm × 4.40 mm
DGK (VSSOP, 8)
3.00mm × 3.00 mm
DDF (SOT-23, 8)
2.90mm × 1.60 mm
DSG (WSON, 8)
2.00mm × 2.00 mm
TLV9062S
DGS (VSSOP, 10)
3.00mm × 3.00 mm
RUG (X2QFN, 10)
2.00mm × 1.50mm
YCK (DSBGA, 9)
1.00mm x 1.00mm
TLV9064
D (SOIC, 14)
8.65mm × 3.90 mm
PW (TSSOP, 14)
5.00mm × 4.40 mm
RTE (WQFN, 16)
3.00mm × 3.00mm
RUC (X2QFN, 14)
2.00mm × 2.00mm
TLV9064S
RTE (WQFN, 16)
3.00mm × 3.00mm
(1)
For all available packages, see Section 10.
(2)
Package is preview only.
(3)
See Device Comparison.
(4)
The body size (length × width) is a nominal value and does
not include pins.
TLV9061, TLV9062, TLV9064
SBOS839M – MARCH 2017 – REVISED DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TLV9062IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9062IPWR TI1-TLV9062IPWR Datasheet
3Mb / 43P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IPWR TI1-TLV9062IPWR Datasheet
3Mb / 45P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IPWR TI1-TLV9062IPWR Datasheet
4Mb / 62P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IPWR TI1-TLV9062IPWR Datasheet
4Mb / 65P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IPWR TI1-TLV9062IPWR Datasheet
4Mb / 63P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV9062IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9061 TI1-TLV9061_17 Datasheet
1Mb / 30P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_017 TI1-TLV9061_017 Datasheet
3Mb / 41P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_018 TI1-TLV9061_018 Datasheet
3Mb / 45P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1808 TI1-TLV9061_1808 Datasheet
4Mb / 62P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_180825 TI1-TLV9061_180825 Datasheet
4Mb / 65P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1810 TI1-TLV9061_1810 Datasheet
4Mb / 63P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_181025 TI1-TLV9061_181025 Datasheet
4Mb / 66P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1812 TI1-TLV9061_1812 Datasheet
4Mb / 70P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061 TI1-TLV9061_19 Datasheet
5Mb / 75P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061 TI1-TLV9061_V01 Datasheet
5Mb / 79P
TLV906xS 10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com