Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV9062IPWR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9062IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV9062IPWR Datasheet HTML 8Page - Texas Instruments TLV9062IPWR Datasheet HTML 9Page - Texas Instruments TLV9062IPWR Datasheet HTML 10Page - Texas Instruments TLV9062IPWR Datasheet HTML 11Page - Texas Instruments TLV9062IPWR Datasheet HTML 12Page - Texas Instruments TLV9062IPWR Datasheet HTML 13Page - Texas Instruments TLV9062IPWR Datasheet HTML 14Page - Texas Instruments TLV9062IPWR Datasheet HTML 15Page - Texas Instruments TLV9062IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
5.10 Electrical Characteristics
For VS (Total Supply Voltage) = (V+) – (V–) = 1.8V to 5.5V at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5V
±0.3
±1.6
mV
VS = 5V, TA = –40°C to 125°C
±2
dVOS/dT
Drift
VS = 5V, TA = –40°C to 125°C
±0.53
µV/°C
PSRR
Power-supply rejection ratio
VS = 1.8V – 5.5V, VCM = (V–)
±7
±80
µV/V
Channel separation, DC
At DC
100
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
VS = 1.8V to 5.5V
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
VS = 5.5V, (V–) – 0.1V < VCM < (V+) – 1.4V,
TA = –40°C to 125°C
80
103
dB
VS = 5.5V, VCM = –0.1V to 5.6V,
TA = –40°C to 125°C
57
87
VS = 1.8V, (V–) – 0.1V < VCM < (V+) – 1.4V,
TA = –40°C to 125°C
88
VS = 1.8V, VCM = –0.1V to 1.9V,
TA = –40°C to 125°C
81
INPUT BIAS CURRENT
IB
Input bias current
±0.5
pA
IOS
Input offset current
±0.05
pA
NOISE
En
Input voltage noise (peak-to-
peak)
VS = 5V, f = 0.1Hz to 10Hz
4.77
µVPP
en
Input voltage noise density
VS = 5V, f = 10kHz
10
nV/√ Hz
VS = 5V, f = 1kHz
16
in
Input current noise density
f = 1kHz
23
fA/√ Hz
INPUT CAPACITANCE
CID
Differential
2
pF
CIC
Common-mode
4
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 1.8V, (V–) + 0.04V < VO < (V+) – 0.04V,
RL = 10kΩ
100
dB
VS = 5.5V, (V–) + 0.05V < VO < (V+) – 0.05V,
RL = 10kΩ
104
130
VS = 1.8V, (V–) + 0.06V < VO < (V+) – 0.06V,
RL = 2kΩ
100
VS = 5.5V, (V–) + 0.15V < VO < (V+) – 0.15V,
RL = 2kΩ
130
FREQUENCY RESPONSE
GBP
Gain bandwidth product
VS = 5V, G = +1
10
MHz
φm
Phase margin
VS = 5V, G = +1
55
°
SR
Slew rate
VS = 5V, G = +1
6.5
V/µs
tS
Settling time
To 0.1%, VS = 5V, 2V step , G = +1, CL = 100pF
0.5
µs
To 0.01%, VS = 5V, 2V step,
G = +1, CL = 100pF
1
tOR
Overload recovery time
VS = 5V, VIN × gain > VS
0.2
µs
THD + N
Total harmonic distortion +
noise(1)
VS = 5.5V, VCM = 2.5V, VO = 1VRMS, G = +1,
f = 1kHz
0.0008%
OUTPUT
VO
Voltage output swing from supply
rails
VS = 5.5V, RL = 10kΩ
20
mV
VS = 5.5V, RL = 2kΩ
60
ISC
Short-circuit current
VS = 5V
±50
mA
TLV9061, TLV9062, TLV9064
SBOS839M – MARCH 2017 – REVISED DECEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com