Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV9062IPWR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9062IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV9062IPWR Datasheet HTML 7Page - Texas Instruments TLV9062IPWR Datasheet HTML 8Page - Texas Instruments TLV9062IPWR Datasheet HTML 9Page - Texas Instruments TLV9062IPWR Datasheet HTML 10Page - Texas Instruments TLV9062IPWR Datasheet HTML 11Page - Texas Instruments TLV9062IPWR Datasheet HTML 12Page - Texas Instruments TLV9062IPWR Datasheet HTML 13Page - Texas Instruments TLV9062IPWR Datasheet HTML 14Page - Texas Instruments TLV9062IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
5.7 Thermal Information: TLV9062S
THERMAL METRIC(1)
TLV9002S
UNIT
YCK (DSBGA)
RUG (X2QFN)
DGS (VSSOP)
9 PINS
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
129.8
197.2
170.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.9
93.3
84.9
°C/W
RθJB
Junction-to-board thermal resistance
37.5
123.8
113.5
°C/W
ΨJT
Junction-to-top characterization parameter
0.5
3.7
16.4
°C/W
ΨJB
Junction-to-board characterization parameter
37.1
120.2
112.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.8 Thermal Information: TLV9064
THERMAL METRIC(1)
TLV9064
UNIT
PW (TSSOP)
D (SOIC)
RTE (WQFN)
RUC (X2QFN)
14 PINS
14 PINS
16 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
135.8
106.9
65.1
205.5
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
64
64
67.9
72.5
°C/W
RθJB
Junction-to-board thermal resistance
79
63
40.4
150.2
°C/W
ψJT
Junction-to-top characterization parameter
15.7
25.9
5.5
3.0
°C/W
ψJB
Junction-to-board characterization parameter
78.4
62.7
40.2
149.6
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
N/A
23.8
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
5.9 Thermal Information: TLV9064S
THERMAL METRIC(1)
TLV9064S
UNIT
RTE (WQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
65.1
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
67.9
°C/W
RθJB
Junction-to-board thermal resistance
40.4
°C/W
ψJT
Junction-to-top characterization parameter
5.5
°C/W
ψJB
Junction-to-board characterization parameter
40.2
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
23.8
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
www.ti.com
TLV9061, TLV9062, TLV9064
SBOS839M – MARCH 2017 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com