Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV9062IPWR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9062IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9062IPWR Datasheet HTML 9Page - Texas Instruments TLV9062IPWR Datasheet HTML 10Page - Texas Instruments TLV9062IPWR Datasheet HTML 11Page - Texas Instruments TLV9062IPWR Datasheet HTML 12Page - Texas Instruments TLV9062IPWR Datasheet HTML 13Page - Texas Instruments TLV9062IPWR Datasheet HTML 14Page - Texas Instruments TLV9062IPWR Datasheet HTML 15Page - Texas Instruments TLV9062IPWR Datasheet HTML 16Page - Texas Instruments TLV9062IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
5.10 Electrical Characteristics (continued)
For VS (Total Supply Voltage) = (V+) – (V–) = 1.8V to 5.5V at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZO
Open-loop output impedance
VS = 5V, f = 10MHz
100
Ω
POWER SUPPLY
IQ
Quiescent current per amplifier
VS = 5.5V, IO = 0mA
538
750
µA
VS = 5.5V, IO = 0mA, TA = –40°C to 125°C
800
SHUTDOWN
IQSD
Quiescent current per amplifier
VS = 1.8V to 5.5V, all amplifiers disabled,
SHDN = Low
0.5
1.5
µA
ZSHDN
Output impedance during
shutdown
VS = 1.8V to 5.5V, amplifier disabled
10 || 8
GΩ || pF
VSHDN_THR_
HI
High level voltage shutdown
threshold (amplifier enabled)
VS = 1.8V to 5.5V
(V–) + 0.9V
(V–) + 1.1V
V
VSDHN_THR_
LO
Low level voltage shutdown
threshold (amplifier disabled)
VS = 1.8V to 5.5V
(V–) + 0.2V (V–) + 0.7V
V
tON
Amplifier enable time (shutdown)
(2)
VS = 1.8V to 5.5V, full shutdown; G = 1,
VOUT = 0.9 × VS / 2, RL connected to V–
10
µs
tOFF
Amplifier disable time(2)
VS = 1.8V to 5.5V, G = 1, VOUT = 0.1 × VS / 2,
RL connected to V–
0.6
µs
SHDN pin input bias current (per
pin)
VS = 1.8V to 5.5V, V+ ≥ SHDN ≥ (V+) – 0.8V
130
pA
VS = 1.8V to 5.5V, V– ≤ SHDN ≤ V– + 0.8V
40
(1)
Third-order filter; bandwidth = 80kHz at –3dB.
(2)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
www.ti.com
TLV9061, TLV9062, TLV9064
SBOS839M – MARCH 2017 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com