Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV9062IPWR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9062IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV9062IPWR Datasheet HTML 6Page - Texas Instruments TLV9062IPWR Datasheet HTML 7Page - Texas Instruments TLV9062IPWR Datasheet HTML 8Page - Texas Instruments TLV9062IPWR Datasheet HTML 9Page - Texas Instruments TLV9062IPWR Datasheet HTML 10Page - Texas Instruments TLV9062IPWR Datasheet HTML 11Page - Texas Instruments TLV9062IPWR Datasheet HTML 12Page - Texas Instruments TLV9062IPWR Datasheet HTML 13Page - Texas Instruments TLV9062IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
5.4 Thermal Information: TLV9061
THERMAL METRIC(1)
TLV9061
UNIT
DBV (SOT-23)
DCK (SC70)
DPW (X2SON)
5 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
221.7
263.3
467
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
144.7
75.5
211.6
°C/W
RθJB
Junction-to-board thermal resistance
49.7
51
332.2
°C/W
ψJT
Junction-to-top characterization parameter
26.1
1
29.3
°C/W
ψJB
Junction-to-board characterization parameter
49
50.3
330.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
125
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
5.5 Thermal Information: TLV9061S
THERMAL METRIC(1)
TLV9061S
UNIT
DBV (SOT-23)
DRY (USON)
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
216.5
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
155.1
TBD
°C/W
RθJB
Junction-to-board thermal resistance
96.2
TBD
°C/W
ψJT
Junction-to-top characterization parameter
80.3
TBD
°C/W
ψJB
Junction-to-board characterization parameter
95.9
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics.
5.6 Thermal Information: TLV9062
THERMAL METRIC(1)
TLV9062
UNIT
D (SOIC)
DGK (VSSOP)
DSG (WSON)
PW (TSSOP)
DDF (SOT-23)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal
resistance
157.6
201.2
94.4
205.1
184.4
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
104.6
85.7
116.5
93.7
112.8
°C/W
RθJB
Junction-to-board thermal
resistance
99.7
122.9
61.3
135.7
99.9
°C/W
ψJT
Junction-to-top
characterization parameter
55.6
21.2
13
25.0
18.7
°C/W
ψJB
Junction-to-board
characterization parameter
99.2
121.4
61.7
134.0
99.3
°C/W
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
N/A
N/A
34.4
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
TLV9061, TLV9062, TLV9064
SBOS839M – MARCH 2017 – REVISED DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9061 TLV9062 TLV9064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com