Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
7.3.15.1 Independent Dual-Output Operation
The LM25137 has two outputs that can operate independently. Both VOUT1 and VOUT2 can be set to fixed output
setpoints of 3.3V, 5V, or 12V using one resistor from VDDA to FB1 or FB2 as needed. Alternatively, set the
output voltage setpoints between 0.8V and 36V using external feedback resistors based on Equation 4. See
Table 7-3 and Figure 7-7.
Table 7-3. Configuration Modes for Independent Dual Outputs
RCNFG
PRIMARY, SECONDARY
DRSS
INDEPENDENT OR INTERLEAVED
OUTPUTS
10kΩ
Primary
OFF
Independent
19.1kΩ
Primary
DRSS1
Independent
29.4kΩ
Primary
DRSS2
Independent
RT
RSS
PFM/SYNC
AGND
COMP2
VOUT2
ISNS2+
LO2
SW2
HO2
CBOOT2
VIN
COMP1
BIAS1/VOUT1
ISNS1+
LO1
SW1
HO1
CBOOT1
VCC
FB1
VDDA
FB2
SYNCOUT
CFNG
EN1
EN2
PG2
PG1
L
O1
C
OUT2
C
IN1
C
VDDA
L
O2
C
OUT1
R
S2
R
S1
Q
2
Q
1
R
SS
R
RT
R
CNFG
Q
4
Q
3
C
VCC
C
BOOT1
C
BOOT2
LM25137
VDDA
C
IN2
R
FB1
C
HF2
R
COMP2
C
COMP2
C
HF1
R
COMP1
C
COMP1
VDDA
R
FB2
V
IN
V
OUT2
V
OUT1
Figure 7-7. LM25137 Regulator Schematic Configured for Independent Dual Outputs
7.3.15.2 Single-Output Interleaved Operation
Based on a resistor RCNFG connected from CNFG to AGND, configure the LM25137 as for single-output
interleaved operation. As shown in Table 7-4, use 41.2kΩ to disable DRSS and 54.9kΩ or 71.5kΩ to enable
DRSS at 5% or 10% frequency spreading, respectively. This setup disables the error amplifier of channel 2 and
places the error amplifier in a high impedance state. The controller is then in a primary, secondary configuration,
and the SYNCOUT clock is 180° lagging HO2 (or 180° leading HO1).
As shown in Figure 7-8, connect COMP1 to COMP2 and use FB1 to set the output voltage setpoint. Use PG1 as
needed and leave PG2 open or tied to GND.
Table 7-4. Configuration Modes for Single-Output Interleaved Operation
RCNFG
PRIMARY / SECONDARY
DRSS
INDEPENDENT OR INTERLEAVED
OUTPUTS
41.2kΩ
Primary
OFF
Interleaved
54.9kΩ
Primary
DRSS1
Interleaved
71.5kΩ
Primary
DRSS2
Interleaved
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com