Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 35 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
range. While the ceramic provides excellent mid- and high-frequency decoupling characteristics with low ESR
and ESL to minimize the switching frequency output ripple, the electrolytic device with large bulk capacitance
provides low-frequency energy storage to cope with lower frequency load-transient demands.
8.1.1.4 Input Capacitors
Input capacitors are necessary to limit the input ripple voltage to the buck power stage due to switching-
frequency AC currents. TI recommends using X7S or X7R dielectric ceramic capacitors to provide low
impedance and high RMS current rating over a wide temperature range. To minimize the parasitic inductance
in the switching power loop, position the input capacitors as close as possible to the drain of the high-side
MOSFET and the source of the low-side MOSFET. Use Equation 15 to calculate the input capacitor RMS current
for a single-channel buck regulator.
2
2
L
CIN,rms
OUT
I
I
D
I
1 D
12
§
·
'
¨
¸
˜
˜
¨
¸
©
¹
(15)
The highest input capacitor RMS current occurs at D = 0.5, at which point the RMS current rating of the input
capacitors is approximately equal to half the output current.
Ideally, the DC component of input current is provided by the input voltage source and the AC component by
the input ceramic capacitors. Neglecting inductor ripple current, the input capacitors source current of amplitude
(IOUT − IIN) during the D interval and sink IIN during the 1−D interval. Thus, the input capacitors conduct a
square-wave current of peak-to-peak amplitude equal to the output current. Following, the resultant capacitive
component of AC ripple voltage is a triangular waveform. Together with the ESR-related ripple component, use
Equation 16 to calculate the peak-to-peak ripple voltage amplitude.
OUT
IN
OUT
ESR
SW
IN
I
D
1
D
V
I
R
F
C
˜
˜
'
˜
˜
(16)
Use Equation 17 to calculate the input capacitance required for a particular load current, based on an input
voltage ripple specification of ΔVIN.
OUT
IN
SW
IN
ESR
OUT
D
1 D
I
C
F
V
R
I
˜
˜
t
˜ '
˜
(17)
Place low-ESR ceramic capacitors in parallel with a higher valued bulk capacitance to provide optimized input
filtering for the regulator and damping to mitigate the effects of input parasitic inductance resonating with
high-Q ceramics. While dependent on switching frequency and load current level, four 10μF, 50V, X7R, ceramic
decoupling capacitors are usually sufficient for 12V battery automotive applications. As outlined in Section
8.1.1.5, select the input bulk capacitor equal to three to four times the derated ceramic value and make sure the
bulk capacitor is rated for the full operating temperature range.
Of course, a two-channel buck regulator with 180° out-of-phase interleaved switching provides input ripple
current cancellation and reduced input capacitor current stress. The previous equations represent valid
calculations when one channel is disabled and the other channel is loaded.
8.1.1.5 EMI Filter
Switching regulators exhibit a negative input impedance characteristic, which is lowest at the minimum input
voltage and full load. An underdamped LC filter exhibits a high output impedance at the resonant frequency
of the filter. For stability, the filter output impedance, approximated by the characteristic impedance of the LC
components, must be less than the absolute value of the regulator input impedance.
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com