Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 52 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 52 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Resistor RRT of 57.6kΩ sets the switching frequency at 400kHz. In terms of control loop performance, the target
loop crossover frequency is 60kHz with a phase margin greater than 50°. An RSS resistance of 20kΩ sets the
output voltage soft-start time to 4.5ms.
the following table cites the selected buck regulator powertrain components, with many of the components
available from multiple vendors. This design uses 40V logic-level MOSFETs, shielded buck inductors, shunt
resistors with wide aspect ratio for low ESL, 50V-rated ceramic input capacitors and 25V-rated ceramic output
capacitors.
Table 8-7. List of Materials for Application Circuit 3
REFERENCE
DESIGNATOR
QTY
SPECIFICATION(1)
MANUFACTURER
PART NUMBER
CIN1, CIN2
8
10µF, 50V, X7R, 1210, ceramic
TDK
CNA6P1X7R1H106K
10µF, 50V, X7S, 1210, ceramic
Murata
GCM32EC71H106K
COUT1, COUT2
8
22µF, 25V, X7R, 1210, ceramic
TDK
CGA6P3X7R1E226M250
22µF, 25V, X7S, 1210, ceramic
Murata
GCM32EC71E226KE36
LO1, LO2
2
3.3µH, 6.2mΩ, 19A, 10.85 × 10 × 5.2mm
Cyntec
VCHA105D-3R3MS6
3.3µH, 6.2mΩ, 20A, 11 × 10 × 5.1mm
Bourns
SRP1050WA-3R3M
3.3µH, 6mΩ, 28.6A, 10.5 × 10 × 6.5mm
TDK
SPM10065VT-3R3M-D
3.3µH, 9.23mΩ, 16A, 10.8 × 10 × 5mm
Eaton
HCM1A1105V2-3R3-R
3.3µH, 9.9mΩ, 22.1A, 10.85 × 10 × 3.8mm
Würth Electronik
784373680033
Q1, Q2,Q3, Q4
4
40V, 3.6mΩ, 9nC, SON 5 × 6
Infineon
IAUCN04S7L028ATMA1
RS1, RS2
2
Shunt, 3mΩ ±1%, ±50ppm/°C, 0612 wide aspect ratio, 1.5W
Susumu
KRL3216E-C-R003-F
U1
1
LM25137 42V two-phase synchronous buck controller
Texas Instruments
LM25137RHAR
8.2.3.2 Detailed Design Procedure
See Section 8.2.1.2.
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com