Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
VOUT
Current sense
amplifier
COUT
LO
RDCR
VIN
CS gain = 10
RCS
CCS
+
VOUT
ISNS
Figure 6-6. Inductor DCR Current Sensing Implementation
Equation 11 shows the voltage drop across the sense capacitor in the s-domain. When the RCSCCS time
constant is equal to LO/RDCR, the voltage developed across the sense capacitor, CCS, is a replica of the inductor
DCR voltage and accurate current sensing is achieved. If the RCSCCS time constant is not equal to the LO/RDCR
time constant, there is a sensing error as follows:
• RCSCCS > LO/RDCR → the DC level is correct, but the AC amplitude is attenuated.
• RCSCCS < LO/RDCR → the DC level is correct, but the AC amplitude is amplified.
VCSs = IOUTCL +∆I2 ×RDCR× 1+S LORDCR
1+sRCSCCS
(11)
Choose the CCS capacitance greater than or equal to 0.1μF to maintain a low-impedance sensing network, thus
reducing the susceptibility of noise pickup from the switch node. Carefully observe Section 7.4.1 to make sure
that noise and DC errors do not corrupt the current sense signals applied between the ISNS and VOUT pins.
6.3.12.3 Hiccup-Mode Current Limiting
The LM25139 includes an internal hiccup-mode protection function. After an overload is detected, 512 cycles of
cycle-by-cycle current limiting occurs. The 512-cycle counter is reset if four consecutive switching cycles occur
without exceeding the current limit threshold. After the 512-cycle counter has expired, the internal soft start is
pulled low, the HO and LO driver outputs are disabled, and the 16384-cycle hiccup counter is enabled. After the
counter reaches 16384, the internal soft start is enabled and the output restarts. The hiccup-mode current limit
is disabled during soft start until after soft start is complete (8ms) and the output voltage has reached half the
regulation value.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com