Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
6 Detailed Description
6.1 Overview
The LM25139 is a switching controller that features all of the functions necessary to implement a high-efficiency
synchronous buck power supply operating over a wide input voltage range from 4V to 42V. The LM25139 is
configured to provide a fixed 3.3V, 5V, or an adjustable output between 0.8V to 36V. This easy-to-use controller
integrates high-side and low-side MOSFET gate drivers capable of sourcing and sinking peak currents of 1.65A
and 2.4A, respectively. Adaptive dead-time control is designed to minimize body diode conduction.
Peak current-mode control using a shunt resistor or inductor DCR current sensing provides inherent line
feedforward, cycle-by-cycle peak current limiting, and easy loop compensation. Current-mode control also
supports a wide duty cycle range for high input voltage and low-dropout applications as well as when an
application require a high step-down conversion ratio (for example, 10-to-1). The oscillator frequency is user-
programmable between 100kHz to 3.2MHz, and the frequency can be synchronized as high as 3.2MHz
by applying an external clock to FPWM/SYNC. A user-selectable PFM mode feature enables discontinuous
conduction mode (DCM) operation to further improve efficiency and reduce power dissipation during light-load
conditions.
The LM25139 incorporates features to simplify the compliance with various EMI standards, such as CISPR 11
for industrial applications. DRSS techniques reduce the peak harmonic EMI signature. The LM25139 is provided
in a 16-pin RGT package with an exposed pad to aid in thermal dissipation.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com