Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004IRTJR Datasheet(PDF) 21 Page - Texas Instruments

Part # TSC2004IRTJR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004IRTJR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSC2004IRTJR Datasheet HTML 17Page - Texas Instruments TSC2004IRTJR Datasheet HTML 18Page - Texas Instruments TSC2004IRTJR Datasheet HTML 19Page - Texas Instruments TSC2004IRTJR Datasheet HTML 20Page - Texas Instruments TSC2004IRTJR Datasheet HTML 21Page - Texas Instruments TSC2004IRTJR Datasheet HTML 22Page - Texas Instruments TSC2004IRTJR Datasheet HTML 23Page - Texas Instruments TSC2004IRTJR Datasheet HTML 24Page - Texas Instruments TSC2004IRTJR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
www.ti.com
Preprocessing
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
The TSC2004 offers an array of powerful preprocessing operations that reduce unnecessary traffic on the bus
and reduce the host processor loading. This reduction is especially critical for the serial interface, where limited
bandwidth is a tradeoff, keeping the connection lines to a minimum.
All data acquisition tasks are looking for specific data that meet certain criteria. Many of these tasks fall into a
predefined range, while other tasks may be looking for a value in a noisy environment. If these data are all to be
retrieved by host processor for processing, the limited bus bandwidth quickly saturates, along with the host
processor processing capability. In any case, the host processor must always be reserved for more critical tasks,
not for routine work.
The preprocessing unit consists of two main functions: the combined MAV filter (median value filter and
averaging filter), followed by the zone detection.
Preprocessing—Median Value Filter and Averaging Value Filter
The first preprocessing function, a combined MAV filter, can be operated independently as a median value filter
(MVF), an averaging value filter (AVF), and a combined filter (MAVF).
If the acquired signal source is noisy because of the digital switching circuit, it may be necessary to evaluate the
data without noise. In this case, the median value filter (MVF) operation helps to discard the noise. The array of
N converted results is first sorted. The return value is either the middle (median value) of an array of M converted
results, or the average value of a window size of W of converted results:
• N = the total number of converted results used by the MAV filter
• M = the median value filter size programmed
• W = the averaging window size programmed
If M = 1, then N = W. A special case is W = 1, which means the MAVF is bypassed. Otherwise, if W > 1, only
averaging is performed on these converted results. In either case, the return value is the averaged value of
window size W of converted results. If M > 1 and W = 1, then N = M, meaning only the median value filter is
operating. The return value is the middle position converted result from the array of M converted results. If M > 1
and W > 1, then N = M. In this case, W < M. The return value is the averaged value of middle portion W of
converted results out of the array of M converted results. Since the value of W is an odd number in this case, the
averaging value is calculated with the middle position converted result counted twice (so a total of W + 1
converted results are averaged).
Table 1. Median Value Filter Size Selection
MEDIAN VALUE FILTER
POSSIBLE AVERAGING WINDOW SIZE
M1
M0
M =
W =
0
0
1
1, 4, 8, 16
0
1
3
1
1
0
7
1, 3
1
1
15
1, 3, 7
Table 2. Averaging Value Filter Size Selection
AVERAGING VALUE FILTER SIZE SELECTION
W =
W1
W0
M = 1 (Averaging Only)
M > 1
0
0
1
1
0
1
4
3
1
0
8
7
1
1
16
Reserved
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com