Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004IRTJR Datasheet(PDF) 7 Page - Texas Instruments

Part # TSC2004IRTJR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004IRTJR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2004IRTJR Datasheet HTML 3Page - Texas Instruments TSC2004IRTJR Datasheet HTML 4Page - Texas Instruments TSC2004IRTJR Datasheet HTML 5Page - Texas Instruments TSC2004IRTJR Datasheet HTML 6Page - Texas Instruments TSC2004IRTJR Datasheet HTML 7Page - Texas Instruments TSC2004IRTJR Datasheet HTML 8Page - Texas Instruments TSC2004IRTJR Datasheet HTML 9Page - Texas Instruments TSC2004IRTJR Datasheet HTML 10Page - Texas Instruments TSC2004IRTJR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
www.ti.com
TIMING REQUIREMENTS for Figure 1: I
2C Standard Mode (f
SCL = 100kHz)
(1)
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
All specifications typical at –40
°C to +85°C, SNSVDD = I/OVDD = +1.2V to +3.6V, unless otherwise noted.
2-WIRE STANDARD MODE PARAMETERS
TEST CONDITIONS
MIN
MAX
UNIT
SNSVDD
≥ 1.6V
10
µs
Reset low time(2)
tWL(RESET)
1.2V
≤ SNSVDD < 1.6V
13
µs
SCL clock frequency
fSCL
100
kHz
Bus free time between a STOP and START
tBUF
4.7
µs
condition
Hold time (repeated) START condition
tHD, STA
4.0
µs
Low period of SCL clock
tLOW
4.7
µs
High period of the SCL clock
tHIGH
4.0
µs
Setup time for a repeated START condition
tSU, STA
4.7
µs
Data hold time
tHD, DAT
0
3.45
µs
Data setup time
tSU, DAT
250
ns
Rise time of both SDA and SCL signals
tR
Cb = total bus capacitance
1000
ns
Fall time of both SDA and SCL signals
tF
Cb = total bus capacitance
300
ns
Setup time for STOP condition
tSU, STO
4.0
µs
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
400
pF
Pulse width of spike suppressed
tSP
N/A
N/A
ns
(1)
All input signals are specified with tR = tF = 5ns (30% to 70% of I/OVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Refer to Figure 38.
TIMING REQUIREMENTS for Figure 1: I
2C Fast Mode (f
SCL = 400kHz)
(1)
All specifications typical at –40
°C to +85°C, SNSVDD = I/OVDD = +1.2V to +3.6V, unless otherwise noted.
2-WIRE FAST MODE PARAMETERS
TEST CONDITIONS
MIN
MAX
UNIT
SNSVDD
≥ 1.6V
10
µs
Reset low time(2)
tWL(RESET)
1.2V
≤ SNSVDD < 1.6V
13
µs
SCL clock frequency
fSCL
400
kHz
Bus free time between a STOP and START
tBUF
1.3
µs
condition
Hold time (repeated) START condition
tHD, STA
0.6
µs
Low period of SCL clock
tLOW
1.3
µs
High period of the SCL clock
tHIGH
0.6
µs
Setup time for a repeated START condition
tSU, STA
0.6
µs
Data hold time
tHD, DAT
0
0.9
µs
Data setup time
tSU, DAT
100
ns
Rise time of both SDA and SCL signals
tR
Cb = total bus capacitance
20 + 0.1
× C
b
300
ns
Fall time of both SDA and SCL signals
tF
Cb = total bus capacitance
20 + 0.1
× C
b
300
ns
Setup time for STOP condition
tSU, STO
0.6
µs
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
400
pF
Pulse width of spike suppressed
tSP
0
50
ns
(1)
All input signals are specified with tR = tF = 5ns (30% to 70% of I/OVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Refer to Figure 38.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com