Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004IRTJR Datasheet(PDF) 48 Page - Texas Instruments

Part # TSC2004IRTJR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004IRTJR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TSC2004IRTJR Datasheet HTML 44Page - Texas Instruments TSC2004IRTJR Datasheet HTML 45Page - Texas Instruments TSC2004IRTJR Datasheet HTML 46Page - Texas Instruments TSC2004IRTJR Datasheet HTML 47Page - Texas Instruments TSC2004IRTJR Datasheet HTML 48Page - Texas Instruments TSC2004IRTJR Datasheet HTML 49Page - Texas Instruments TSC2004IRTJR Datasheet HTML 50Page - Texas Instruments TSC2004IRTJR Datasheet HTML 51Page - Texas Instruments TSC2004IRTJR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
www.ti.com
AUXILIARY AND TEMPERATURE MEASUREMENT
t
COORDINATE
+
OH3
f
OSC
)N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(12)
TSC
NotAddressed
NoTouch
Detected
HostWriteto
ControlByte1D[6:3]
As DAV
WaitingforHostto
ReadAUXData
TSC
NotAddressed
Reading
AUX-Data
Register
Sample,Conversion,and
AveragingforAUXMeasurement
TSC
NotAddressed
P ogra
r
mm dfor
Non-Continuous
AUXMeasurement
e
t
COORDINATE
NoTouch
Detected
t
COORDINATE
+
OH3
f
OSC
)N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(13)
TSC
NotAddressed
NoTouch
Detected
HosttoWriteto
ControlByte1D[6:3]
As DAV
TSC
NotAddressed
Reading
AUX-Data
Register
Sample,Conversion,
andAveragingfor
AUXMeasurement
TSC
NotAddressed
P ogra
r
mm dfor
Continuous
AUXMeasurement
e
TSC
Not
Addressed
Reading
AUX-Data
Register
t
COORDINATE
t
COORDINATE
t
COORDINATE
Sample,Conversion,
andAveragingfor
AUXMeasurement
Sample,Conversion,
andAveragingfor
AUXMeasurement
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
The TSC2004 can measure the voltage from the auxiliary input (AUX) and from the internal temperature sensor.
Applications for the AUX can include external temperature sensing, ambient light monitoring for controlling
backlighting, or sensing the current drawn from batteries. There are two converter functions that can be used for
the measurement of the AUX:
1. Non-continuous AUX measurement shown in Figure 46 (converter function select bits C[3:0] = Control Byte 1
D[6:3] = 0101); or
2. Continuous AUX Measurement shown in Figure 47 (converter function select bits C[3:0] = Control Byte 1
D[6:3] = 1000).
See Table 7 for more information on the converter function select bits.
There are also two converter functions for the measurement of the internal temperature sensor:
1. TEMP1 measurement (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0110); or
2. TEMP2 measurement (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0111).
See Table 7 for more information on the converter function select bits.
For the detailed calculation of the internal temperature sensor, please see the Internal Temperature Sensor
section. These two converter functions have the same timing as the non-continuous AUX measurement
operation as shown in Figure 46; therefore, Equation 12 can also be used for internal temperature sensor
measurement. The time needed to make a non-continuous auxiliary measurement or an internal temperature
sensor measurement is given by:
Where:
OH3 = overhead time #3 = 3.5 internal clock cycles.
Figure 46. Non-Touch Screen, Non-Continuous AUX Measurement
The time needed to make continuous auxiliary measurement is given by:
Figure 47. Non-Touch Screen, Continuous AUX Measurement
48
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com