Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004IRTJR Datasheet(PDF) 29 Page - Texas Instruments

Part # TSC2004IRTJR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2004IRTJR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSC2004IRTJR Datasheet HTML 25Page - Texas Instruments TSC2004IRTJR Datasheet HTML 26Page - Texas Instruments TSC2004IRTJR Datasheet HTML 27Page - Texas Instruments TSC2004IRTJR Datasheet HTML 28Page - Texas Instruments TSC2004IRTJR Datasheet HTML 29Page - Texas Instruments TSC2004IRTJR Datasheet HTML 30Page - Texas Instruments TSC2004IRTJR Datasheet HTML 31Page - Texas Instruments TSC2004IRTJR Datasheet HTML 32Page - Texas Instruments TSC2004IRTJR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
www.ti.com
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
Table 9. Control Byte 0 Bit Register Description (D7 = 0)
BIT
NAME
DESCRIPTION
1: Control Byte 1—start conversion, channel select, and converison-related configuration
D7
Control Byte ID
0: Control Byte 0—read/write data registers and non-conversion-related controls
D6-D3
A3-A0
Register Address Bits as detailed in Table 10
D2
RESERVED
A '0' must be set in this bit for normal operation
Power Not Down Control
1: A/D converter biasing circuitry is always on between conversions but is shut down
D1
PND0
after the converter function stops
0: A/D converter biasing circuitry is shut down either between conversions or after the
converter function stops
TSC Internal Register Data Flow Control
1: Set the starting address of the TSC internal registers for a register read (see
D0
R/W
Figure 35)
0: Write to TSC internal registers
Table 10. Internal Register Map
REGISTER ADDRESS
A3
A2
A1
A0
REGISTER CONTENT
READ/WRITE
0
0
0
0
X measurement result
R
0
0
0
1
Y measurement result
R
0
0
1
0
Z1 measurement result
R
0
0
1
1
Z2 measurement result
R
0
1
0
0
AUX measurement result
R
0
1
0
1
Temp1 measurement result
R
0
1
1
0
Temp2 measurement result
R
0
1
1
1
Status
R
1
0
0
0
AUX high threshold
R/W
1
0
0
1
AUX low threshold
R/W
1
0
1
0
Temp high threshold (apply to both TEMP1 and TEMP2)
R/W
1
0
1
1
Temp low threshold (apply to both TEMP1 and TEMP2)
R/W
1
1
0
0
CFR0
R/W
1
1
0
1
CFR1
R/W
1
1
1
0
CFR2
R/W
1
1
1
1
Converter function select status
R
R/W—Register read and write control. A '1' indicates that the value of the internal register address bits A3-A0 is
stored internally as the starting address for a register read (see Figure 35). The content of the addressed register
is sent to SDA by using I2C read addressing (see Figure 36 and Figure 37). A '0' indicates that the data following
Control Byte 0 on SDA are written into the internal register addressed by bits A3-A0 (see Figure 35).
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TSC2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com